Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC081S101CIMK Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce DAC081S101CIMK
Description  DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC081S101CIMK Fiches technique(HTML) 7 Page - Texas Instruments

Back Button DAC081S101CIMK Datasheet HTML 3Page - Texas Instruments DAC081S101CIMK Datasheet HTML 4Page - Texas Instruments DAC081S101CIMK Datasheet HTML 5Page - Texas Instruments DAC081S101CIMK Datasheet HTML 6Page - Texas Instruments DAC081S101CIMK Datasheet HTML 7Page - Texas Instruments DAC081S101CIMK Datasheet HTML 8Page - Texas Instruments DAC081S101CIMK Datasheet HTML 9Page - Texas Instruments DAC081S101CIMK Datasheet HTML 10Page - Texas Instruments DAC081S101CIMK Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
DB15
DB0
SCLK
DIN
SYNC
tSYNC
tSUCL
tSUD
tDHD
tL
tH
tCS
1
2
13
14
15
16
fCLK
1
OUTPUT
VOLTAGE
DIGITAL INPUT CODE
0
0
255
ZE
FSE
GE = FSE - ZE
FSE = GE + ZE
255 x VA
256
DAC081S101
www.ti.com
SNAS323C – JUNE 2005 – REVISED FEBRUARY 2013
MONOTONICITY is the condition of being monotonic, where the DAC has an output that never decreases when
the output code increases.
MOST SIGNIFICANT BIT (MSB) is the bit that has the largest value or weight of all bits in a word. Its value is
1/2 of VA.
POWER EFFICIENCY is the ratio of the output current to the total supply current. The output current comes from
the power supply. The difference between the supply and output currents, is the power consumed by the device
without a load.
SETTLING TIME is the time for the output to settle within 1/2 LSB of the final value after the input code is
updated.
WAKE-UP TIME is the time for the output to settle to within 1/2 LSB of the final value after the device is
commanded to the active mode from any of the power down modes.
ZERO CODE ERROR is the output error, or voltage, present at the DAC output after a code of 00h has been
entered.
Transfer Characteristic
Figure 1. Input / Output Transfer Characteristic
Timing Diagram
Figure 2. DAC081S101 Timing
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DAC081S101


Numéro de pièce similaire - DAC081S101CIMK

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DAC081S101CIMK NSC-DAC081S101CIMK Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101CIMKX NSC-DAC081S101CIMKX Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results

Description similaire - DAC081S101CIMK

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC081S101 TI-DAC081S101 Datasheet
1Mb / 28P
[Old version datasheet]   DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
   8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC082S085 NSC-DAC082S085 Datasheet
870Kb / 19P
   8-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC101S101 NSC-DAC101S101 Datasheet
905Kb / 19P
   10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC082S085 TI1-DAC082S085_16 Datasheet
1Mb / 31P
[Old version datasheet]   DAC082S085 8-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com