Moteur de recherche de fiches techniques de composants électroniques |
|
SN74CB3T3125PWG4 Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
SN74CB3T3125PWG4 Fiches technique(HTML) 8 Page - Texas Instruments |
8 / 20 page 1.5 2.0 2.5 3.0 3.5 4.0 2.3 2.5 2.7 2.9 3.1 3.3 3.5 3.7 1.5 2.0 2.5 3.0 3.5 4.0 2.3 2.5 2.7 2.9 3.1 3.3 3.5 3.7 1.5 2.0 2.5 3.0 3.5 4.0 2.3 2.5 2.7 2.9 3.1 3.3 3.5 3.7 OUTPUT VOLTAGE HIGH vs SUPPLY VOLTAGE VCC - Supply Voltage - V VCC = 2.3 V to 3.6 V VI = 5.5 V TA = 85°C OUTPUT VOLTAGE HIGH vs SUPPLY VOLTAGE VCC - Supply Voltage - V VCC = 2.3 V to 3.6 V VI = 5.5 V TA = 25°C OUTPUT VOLTAGE HIGH vs SUPPLY VOLTAGE VCC - Supply Voltage - V VCC = 2.3 V to 3.6 V VI = 5.5 V TA = -40°C 100 µA 8 mA 16 mA 24 mA 100 µA 8 mA 16 mA 24 mA 100 µA 8 mA 16 mA 24 mA SN74CB3T3125 SCDS120B – FEBRUARY 2003 – REVISED AUGUST 2012 www.ti.com TYPICAL CHARACTERISTICS (continued) Figure 5. VOH Values 8 Submit Documentation Feedback Copyright © 2003–2012, Texas Instruments Incorporated Product Folder Links: SN74CB3T3125 |
Numéro de pièce similaire - SN74CB3T3125PWG4 |
|
Description similaire - SN74CB3T3125PWG4 |