Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC1222 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce DAC1222
Description  10-Bit Binary Multiplying D/A Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

DAC1222 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button DAC1222 Datasheet HTML 4Page - Texas Instruments DAC1222 Datasheet HTML 5Page - Texas Instruments DAC1222 Datasheet HTML 6Page - Texas Instruments DAC1222 Datasheet HTML 7Page - Texas Instruments DAC1222 Datasheet HTML 8Page - Texas Instruments DAC1222 Datasheet HTML 9Page - Texas Instruments DAC1222 Datasheet HTML 10Page - Texas Instruments DAC1222 Datasheet HTML 11Page - Texas Instruments DAC1222 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Typical Applications (Continued)
VOUT e
b
VREF
A12aA24aA38a A10
1024
J
where VREF can be an AC signal
 By connecting the DAC in the feedback loop of an opera-
tional amplifier a linear digitally control gain block can be
realized
 Note that with all digital inputs low the gain of the amplifier
is infinity that is the op amp will saturate In other words we
cannot divide the VREF by zero
FIGURE 10 Analog-to-Digital Divider (or Digitally Gain Controlled Amplifier)
VOUT e VREF
%
A1
2
a
A2
4
a
a
A10
1024
A1
2
a
A2
4
a
a
A10
1024
or VOUT e VREF
1023bN
N
J
where 0 s N s 1023
N e 0 for AN e all zeros
N e 1 for A10 e 1 A1–A9 e 0
N e 1023 for AN e all 1’s
FIGURE 11 Digitally controlled Amplifier-Attenuator
TLH5689 – 7
http
www nationalcom
7


Numéro de pièce similaire - DAC1222

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DAC1222 NSC-DAC1222 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
DAC1222LCJ NSC-DAC1222LCJ Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
DAC1222LCN NSC-DAC1222LCN Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
More results

Description similaire - DAC1222

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
   10-Bit, 12-Bit Binary Multiplying D/A Converter
DAC1218 NSC-DAC1218 Datasheet
227Kb / 12P
   12-Bit Binary Multiplying D/A Converter
logo
Intersil Corporation
AD7533 INTERSIL-AD7533 Datasheet
268Kb / 8P
   10-Bit Multiplying D/A Converter
logo
Renesas Technology Corp
AD7533 RENESAS-AD7533 Datasheet
535Kb / 8P
   10-Bit Multiplying D/A Converter
June 2004
logo
Analog Devices
AD7522 AD-AD7522_15 Datasheet
2Mb / 6P
   CMOS 10 BIT SUFFERED MULTIPLYING D/A CONVERTER
logo
NXP Semiconductors
MC3410 PHILIPS-MC3410 Datasheet
80Kb / 8P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
NE5410 PHILIPS-NE5410 Datasheet
104Kb / 9P
   10-Bit high-speed multiplying D/A converter
August 31, 1994
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
logo
Maxim Integrated Produc...
MX7533 MAXIM-MX7533 Datasheet
429Kb / 8P
   CMOS Low Cost 10 Bit Multiplying D/A Converter
Rev 1a; 7/95
logo
NXP Semiconductors
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com