Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALVTH16601VR Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74ALVTH16601VR
Description  2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVTH16601VR Fiches technique(HTML) 9 Page - Texas Instruments

Back Button SN74ALVTH16601VR Datasheet HTML 5Page - Texas Instruments SN74ALVTH16601VR Datasheet HTML 6Page - Texas Instruments SN74ALVTH16601VR Datasheet HTML 7Page - Texas Instruments SN74ALVTH16601VR Datasheet HTML 8Page - Texas Instruments SN74ALVTH16601VR Datasheet HTML 9Page - Texas Instruments SN74ALVTH16601VR Datasheet HTML 10Page - Texas Instruments SN74ALVTH16601VR Datasheet HTML 11Page - Texas Instruments SN74ALVTH16601VR Datasheet HTML 12Page - Texas Instruments SN74ALVTH16601VR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
SN54ALVTH16601, SN74ALVTH16601
2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES143A – SEPTEMBER 1998 – REVISED JULY 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 30 pF,
VCC = 2.5 V ± 0.2 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
SN54ALVTH16601
SN74ALVTH16601
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
fmax
150
150
MHz
tPLH
BorA
AorB
1.1
4.1
1.1
4.1
ns
tPHL
B or A
A or B
1.6
4.8
1.6
4.8
ns
tPLH
LEBA or LEAB
AorB
2.1
5
2.1
5
ns
tPHL
LEBA or LEAB
A or B
2.4
5.4
2.4
5.4
ns
tPLH
CLKBA or CLKAB
AorB
2
5
2
5
ns
tPHL
CLKBA or CLKAB
A or B
2.5
5.9
2.5
5.9
ns
tPZH
OEBA or OEAB
AorB
1.2
4.8
1.2
4.8
ns
tPZL
OEBA or OEAB
A or B
1
4.6
1
4.6
ns
tPHZ
OEBA or OEAB
AorB
1.2
5.2
1.2
5.2
ns
tPLZ
OEBA or OEAB
A or B
1
3.9
1
3.9
ns
switching characteristics over recommended operating free-air temperature range, CL = 50 pF,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
TO
SN54ALVTH16601
SN74ALVTH16601
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
fmax
150
150
MHz
tPLH
BorA
AorB
1.4
3.9
1.4
3.9
ns
tPHL
B or A
A or B
1.1
3.9
1.1
3.9
ns
tPLH
LEBA or LEAB
AorB
2
4.6
2
4.6
ns
tPHL
LEBA or LEAB
A or B
2.1
4.6
2.1
4.6
ns
tPLH
CLKBA or CLKAB
AorB
1.9
4.5
1.9
4.5
ns
tPHL
CLKBA or CLKAB
A or B
2.2
4.6
2.2
4.6
ns
tPZH
OEBA or OEAB
AorB
1
4.2
1
4.2
ns
tPZL
OEBA or OEAB
A or B
1
4.4
1
4.4
ns
tPHZ
OEBA or OEAB
AorB
1.8
5.3
1.8
5.3
ns
tPLZ
OEBA or OEAB
A or B
1.7
4.6
1.7
4.6
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Numéro de pièce similaire - SN74ALVTH16601VR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALVTH16601 TI-SN74ALVTH16601 Datasheet
196Kb / 12P
[Old version datasheet]   2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVTH16601DGG TI-SN74ALVTH16601DGG Datasheet
196Kb / 12P
[Old version datasheet]   2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVTH16601DGV TI-SN74ALVTH16601DGV Datasheet
196Kb / 12P
[Old version datasheet]   2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVTH16601DL TI-SN74ALVTH16601DL Datasheet
196Kb / 12P
[Old version datasheet]   2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Description similaire - SN74ALVTH16601VR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ALVTH16601 TI-SN54ALVTH16601 Datasheet
196Kb / 12P
[Old version datasheet]   2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN54ALVTH16501 TI-SN54ALVTH16501 Datasheet
170Kb / 11P
[Old version datasheet]   2.5-V/3.3-V 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVTH16500-EP TI1-SN74LVTH16500-EP Datasheet
302Kb / 10P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVTH16501-EP TI1-SN74LVTH16501-EP Datasheet
302Kb / 10P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LVT16500A PHILIPS-74LVT16500A_06 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
74LVT16500A PHILIPS-74LVT16500A_15 Datasheet
116Kb / 19P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03-29 May 2006
logo
Nexperia B.V. All right...
74LVT16500A NEXPERIA-74LVT16500A Datasheet
230Kb / 20P
   3.3 V 18-bit universal bus transceiver; 3-state
Rev. 03 - 29 May 2006
logo
NXP Semiconductors
74LVT16501A PHILIPS-74LVT16501A_06 Datasheet
114Kb / 19P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
74LVT16501A PHILIPS-74LVT16501A_15 Datasheet
114Kb / 19P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04-19 May 2006
logo
Nexperia B.V. All right...
74LVT16501A NEXPERIA-74LVT16501A Datasheet
229Kb / 20P
   3.3 V LVT 18-bit universal bus transceiver; 3-state
Rev. 04 - 19 May 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com