Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM5726BABCX Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM5726BABCX
Description  AM572x Sitara??Processors
Download  415 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM5726BABCX Fiches technique(HTML) 10 Page - Texas Instruments

Back Button AM5726BABCX Datasheet HTML 6Page - Texas Instruments AM5726BABCX Datasheet HTML 7Page - Texas Instruments AM5726BABCX Datasheet HTML 8Page - Texas Instruments AM5726BABCX Datasheet HTML 9Page - Texas Instruments AM5726BABCX Datasheet HTML 10Page - Texas Instruments AM5726BABCX Datasheet HTML 11Page - Texas Instruments AM5726BABCX Datasheet HTML 12Page - Texas Instruments AM5726BABCX Datasheet HTML 13Page - Texas Instruments AM5726BABCX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 415 page
background image
10
AM5728, AM5726
SPRS953A – DECEMBER 2015 – REVISED JUNE 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM5728 AM5726
Terminal Configuration and Functions
Copyright © 2015–2016, Texas Instruments Incorporated
Table 4-1. Unused Balls Specific Connection Requirements (continued)
Balls
Connection Requirements
V28 / F18 / E20 / E23 / D21 / C20 / C21
These balls must be connect to the corresponding power supply
through an external pull resistor if unused
AF14 (rtc_iso)
This ball should be connected to the corresponding power supply
through an external pull resistor if unused; or can be connected to
F22 (porz) when RTC unused (level translation may be needed)
AB17 (rtc_porz)
This ball should be connected to VSS when RTC is unused; or can
be connected to F22 (porz) when RTC unused (level translation may
be needed)
NOTE
All other unused signal balls with a Pad Configuration Register can be left unconnected with
their internal pullup or pulldown resistor enabled.
NOTE
All other unused signal balls without Pad Configuration Register can be left unconnected.
4.2
Ball Characteristics
Table 4-2 describes the terminal characteristics and the signals multiplexed on each ball. The following list
describes the table column headers:
1. BALL NUMBER: Ball number(s) on the bottom side associated with each signal on the bottom.
2. BALL NAME: Mechanical name from package device (name is taken from muxmode 0).
3. SIGNAL NAME: Names of signals multiplexed on each ball (also notice that the name of the ball is the
signal name in muxmode 0).
NOTE
Table 4-2 does not consider the subsystem multiplexing signals. Subsystem multiplexing
signals are described in Section 4.4, Signal Descriptions.
NOTE
In the Driver off mode, the buffer is configured in high-impedance.
4. 28/26: This column shows if the functionality is applicable for AM5728 / AM5726 devices. Note that the
ball characteristics table presents a functionality of super set. If the cell is empty it means that the
signal is available in all devices.
28 - AM5728
26 - AM5726
5. MUXMODE: Multiplexing mode number:
(a) MUXMODE 0 is the primary muxmode; this means that when MUXMODE=0, the function mapped
on the pin corresponds to the name of the pin. The primary muxmode is not necessarily the default
muxmode.
NOTE
The default muxmode is the mode at the release of the reset; also see the RESET REL.
MUXMODE column.
(b) MUXMODE 1 through 15 are possible muxmodes for alternate functions. On each pin, some
muxmodes are effectively used for alternate functions, while some muxmodes are not used. Only
MUXMODE values which correspond to defined functions should be used.
6. TYPE: Signal type and direction:


Numéro de pièce similaire - AM5726BABCX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM5726BABCX TI1-AM5726BABCX Datasheet
4Mb / 415P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5726BABCXA TI1-AM5726BABCXA Datasheet
4Mb / 415P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5726BABCXAR TI1-AM5726BABCXAR Datasheet
4Mb / 415P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
AM5726BABCXEA TI1-AM5726BABCXEA Datasheet
4Mb / 415P
[Old version datasheet]   Sitara Processors Silicon Revision 2.0
More results

Description similaire - AM5726BABCX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM5728 TI-AM5728_15 Datasheet
2Mb / 415P
[Old version datasheet]   AM572x SitaraTM Processors
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
AMIC110 TI1-AMIC110 Datasheet
2Mb / 214P
[Old version datasheet]   Sitara Processors
AM3359_0017 TI1-AM3359_0017 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706_017 TI1-AM5706_017 Datasheet
3Mb / 388P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com