Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ST-1044 Datasheet(Fiches technique) 2 Page - Cherry Semiconductor Corporation

Numéro de pièce ST-1044
Description  Smart Card Reader ST-1044 Smart Terminal
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  CHERRY [Cherry Semiconductor Corporation]
Site Internet  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

ST-1044 Datasheet(HTML) 2 Page - Cherry Semiconductor Corporation

  ST-1044 Datenblatt HTML 1Page - Cherry Semiconductor Corporation ST-1044 Datasheet HTML 2Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model: ST-1044 Smart Card Reader
Product name
Order Number
Packaging
Smart Card Reader
SmartTerminal ST1044
ST-1044UB
White box
Cherry Americas, LLC
11200 88th Avenue
Pleasant Prairie, WI 53158
USA
Phone:
262.942.6508
Internet: www.cherryamericas.com
E-Mail:
cep_sales@zf.com
The manufacturer accepts no liability for errors or non-availability, and reserves
the right to change specifications without prior notice. Technical data relates to
product specifications only. Features may differ from those described. Only
drawings combined with product specifications shall be deemed binding.
© 2016 Cherry Americas, LLC, Rev Date: January 6, 2016
Storage Temperature:
-20°C to 60°C
-4°F to 140°F
Packing Unit:
→ Number of products in the master package: 64
→ Number of master packages per pallet: 6
Warranty
2 years
Technical Data Continued:
Dimensions (packaging):
128 x 195 x 60 mm
5.02” x 7.68” x 2.36”
Smartcard-Reader:
→ Hardware interface: USB
→ Agency Approvals: EMV 2000 Level 1
→ Chip-card protocols: T=0, T=1, S=8, S=9, S=10
→ Contact: mechanical swipe reader
→ Software interface: CT-Api, PC/SC, CCID
→ Mating cycles: approx. 100,000 operations
→ Compatible chip card types: Reads and writes on
all 5V, 3V and 1.8V Smart Cards 7816 Class A,
B and C cards
→ Transmission speed reader
card: 412,903
Bit/s
→ Transmission speed reader
system: max 12
MBit/s
→ Chip card pulse frequency: 4.8 MHz
Errors, technical changes and delivery possibilities excepted.
Technical information refers only to the specifications of the
products. Features may differ from the information provided.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn