Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54AC11175 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce 54AC11175
Description  QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

54AC11175 Fiches technique(HTML) 5 Page - Texas Instruments

  54AC11175 Datasheet HTML 1Page - Texas Instruments 54AC11175 Datasheet HTML 2Page - Texas Instruments 54AC11175 Datasheet HTML 3Page - Texas Instruments 54AC11175 Datasheet HTML 4Page - Texas Instruments 54AC11175 Datasheet HTML 5Page - Texas Instruments 54AC11175 Datasheet HTML 6Page - Texas Instruments 54AC11175 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
54AC11175, 74AC11175
QUADRUPLE D-TYPE FLIP-FLOPS
WITH CLEAR
SCAS090 – DECEMBER 1989 – REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
2–5
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54AC11175
74AC11175
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
125
150
125
125
MHz
tPLH
CLR
Any Q
2.2
4.5
6.3
2.2
7.1
2.2
6.8
ns
tPLH
CLR
Any Q
2.2
4.5
6.3
2.2
7.1
2.2
6.8
ns
tPHL
CLR
Any Q
2.4
6.7
8.5
2.4
9.7
2.4
9.3
ns
tPHL
CLR
Any Q
2.4
6.7
8.5
2.4
9.7
2.4
9.3
ns
tPLH
CLK
Any Q
2.2
4.5
6.3
2.2
7.2
2.2
6.9
ns
tPLH
CLK
Any Q
2.2
4.5
6.3
2.2
7.2
2.2
6.9
ns
tPHL
CLK
Any Q
1.9
6.4
8.5
1.9
9.7
1.9
9.3
ns
tPHL
CLK
Any Q
1.9
6.4
8.5
1.9
9.7
1.9
9.3
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
CL = 50 pF,
f = 1 MHz
48
pF
PARAMETER MEASUREMENT INFORMATION
50% VCC
50%
50%
50%
VCC
VCC
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
Data Input
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
50%
50%
VCC
0 V
50% VCC
50% VCC
Input
(see Note B)
Out-of-Phase
Output
In-Phase
Output
Timing Input
(see Note B)
50% VCC
VOLTAGE WAVEFORMS
VCC
0 V
50%
50%
tw
VOLTAGE WAVEFORMS
Input
LOAD CIRCUIT
From Output
Under Test
CL = 50 pF
(see Note A)
500
NOTES: A. CL includes probe and jig capacitance.
B. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr = 3 ns, tf = 3 ns.
C. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Numéro de pièce similaire - 54AC11175

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
54AC11175 TI1-54AC11175 Datasheet
130Kb / 7P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
54AC11175 TI1-54AC11175_09 Datasheet
130Kb / 7P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
More results

Description similaire - 54AC11175

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54HC175 TI-SN54HC175 Datasheet
93Kb / 6P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LS171 TI-SN54LS171 Datasheet
127Kb / 4P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV175A TI-SN54LV175A Datasheet
362Kb / 15P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54F175 TI-SN54F175 Datasheet
72Kb / 5P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV175A TI-SN54LV175A_08 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54LV175A TI-SN54LV175A_07 Datasheet
512Kb / 17P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC175 TI1-SN54HC175_16 Datasheet
910Kb / 21P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
54AC11175 TI1-54AC11175_09 Datasheet
130Kb / 7P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC175 TI-SN54HC175_07 Datasheet
582Kb / 16P
[Old version datasheet]   QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS175 TI-SN74ALS175 Datasheet
148Kb / 2P
[Old version datasheet]   HEX/QUADRUPLE D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com