Moteur de recherche de fiches techniques de composants électroniques |
|
AM26C32MFKB Fiches technique(PDF) 9 Page - Texas Instruments |
|
|
AM26C32MFKB Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 30 page AM26C32 www.ti.com SLLS104K – DECEMBER 1990 – REVISED JUNE 2015 8.4 Device Functional Modes 8.4.1 Enable and Disable The receivers implemented in these RS422 devices can be configured using the G and G pins to be enabled or disabled. This allows users to ignore or filter out transmissions as desired. Table 1. Function Table (Each Receiver) DIFFERENTIA ENABLES OUTPUT L INPUT A/B G G Y H X H VID ≥ VIT+ X L H H X ? VIT < VID < VIT+ X L ? H X L VID ≤ VIT- X L L X L H Z Copyright © 1990–2015, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: AM26C32 |
Numéro de pièce similaire - AM26C32MFKB |
|
Description similaire - AM26C32MFKB |