Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM1806EZCE4 Fiches technique(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM1806EZCE4
Description  AM1806 ARM짰 Microprocessor
Download  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM1806EZCE4 Fiches technique(HTML) 54 Page - Texas Instruments

Back Button AM1806EZCE4 Datasheet HTML 50Page - Texas Instruments AM1806EZCE4 Datasheet HTML 51Page - Texas Instruments AM1806EZCE4 Datasheet HTML 52Page - Texas Instruments AM1806EZCE4 Datasheet HTML 53Page - Texas Instruments AM1806EZCE4 Datasheet HTML 54Page - Texas Instruments AM1806EZCE4 Datasheet HTML 55Page - Texas Instruments AM1806EZCE4 Datasheet HTML 56Page - Texas Instruments AM1806EZCE4 Datasheet HTML 57Page - Texas Instruments AM1806EZCE4 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 245 page
background image
AM1806
SPRS658F – FEBRUARY 2010 – REVISED MARCH 2014
www.ti.com
3.8
Unused Pin Configurations
All signals multiplexed with multiple functions may be used as an alternate function if a given peripheral is
not used. Unused non-multiplexed signals and some other specific signals should be handled as specified
in the tables below.
If NMI is unused, it should be pulled-high externally through a 10k-ohm resistor to supply DVDD3318_B.
Table 3-28. Unused USB0 Signal Configurations
SIGNAL NAME
Configuration
USB0_DM
No Connect
USB0_DP
No Connect
USB0_ID
No Connect
USB0_VBUS
No Connect
USB0_DRVVBUS
No Connect
USB0_VDDA33
No Connect
USB0_VDDA18
No Connect
USB0_VDDA12
Internal USB PHY output connected to an external 0.22-
μF filter capacitor
USB_REFCLKIN
No Connect or other peripheral function
USB_CVDD
1.2V
Table 3-29. Unused RTC Signal Configuration
SIGNAL NAME
Configuration
RTC_XI
May be held high (CVDD) or low
RTC_XO
No Connect
RTC_ALARM
May be used as GPIO or other peripheral function
RTC_CVDD
Connect to CVDD
RTC_VSS
VSS
Table 3-30. Unused DDR2/mDDR Controller Signal Configuration
SIGNAL NAME
Configuration (1)
DDR_D[15:0]
No Connect
DDR_A[13:0]
No Connect
DDR_CLKP
No Connect
DDR_CLKN
No Connect
DDR_CKE
No Connect
DDR_WE
No Connect
DDR_RAS
No Connect
DDR_CAS
No Connect
DDS_CS
No Connect
DDR_DQM[1:0]
No Connect
DDR_DQS[1:0]
No Connect
DDR_BA[2:0]
No Connect
DDR_DQGATE0
No Connect
DDR_DQGATE1
No Connect
DDR_ZP
No Connect
DDR_VREF
No Connect
DDR_DVDD18
No Connect
(1)
The DDR2/mDDR input buffers are enabled by default on device power up and a maximum current draw of 25mA can result on the 1.8V
supply. To minimize power consumption, the DDR2/mDDR controller input receivers should be placed in power-down mode by setting
VTPIO[14] = 1.
54
Device Overview
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM1806


Numéro de pièce similaire - AM1806EZCE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM1806 TI-AM1806 Datasheet
1Mb / 241P
[Old version datasheet]   AM1806 ARM Microprocessor
AM1806 TI-AM1806 Datasheet
1Mb / 241P
[Old version datasheet]   AM1806 ARM Microprocessor
AM1806 TI-AM1806 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1806 TI1-AM1806 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
AM1806 TI-AM1806 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
More results

Description similaire - AM1806EZCE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM1806 TI-AM1806_15 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
AM1806 TI-AM1806 Datasheet
1Mb / 241P
[Old version datasheet]   AM1806 ARM Microprocessor
AM1806_1005 TI-AM1806_1005 Datasheet
1Mb / 241P
[Old version datasheet]   AM1806 ARM Microprocessor
AM1705 TI1-AM1705_16 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1707 TI1-AM1707_16 Datasheet
1Mb / 200P
[Old version datasheet]   AM1707 ARM짰 Microprocessor
AM1808 TI1-AM1808_16 Datasheet
1Mb / 265P
[Old version datasheet]   AM1808 ARM짰 Microprocessor
AM1705 TI-AM1705_15 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1707 TI-AM1707_15 Datasheet
1Mb / 200P
[Old version datasheet]   AM1707 ARM짰 Microprocessor
AM1802 TI-AM1802_15 Datasheet
1Mb / 182P
[Old version datasheet]   AM1802 ARM짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com