Moteur de recherche de fiches techniques de composants électroniques |
|
AM1707DZKB3 Fiches technique(PDF) 20 Page - Texas Instruments |
|
|
AM1707DZKB3 Fiches technique(HTML) 20 Page - Texas Instruments |
20 / 200 page AM1707 SPRS637E – FEBRUARY 2010 – REVISED JUNE 2014 www.ti.com 3.6.8 Enhanced Pulse Width Modulators (eHRPWM0, eHRPWM1, eHRPWM2) Table 3-10. Enhanced Pulse Width Modulator (eHRPWM) Terminal Functions PIN No. SIGNAL NAME TYPE(1) PULL(2) MUXED DESCRIPTION ZKB eHRPWM0 eHRPWM0 A output ACLKX1/EPWM0A/GP3[15] K3 I/O IPD (with high-resolution) McASP1, GPIO AHCLKX1/EPWM0B/GP3[14] K2 I/O IPD eHRPWM0 B output McASP1, eHRPWM1, eHRPWM0 trip zone AMUTE1/EPWMTZ/GP4[14] D4 I/O IPD GPIO, eHRPWM2 input Sync input to McASP1, eHRPWM0, eHRPWM0 module or AFSX1/EPWMSYNCI/EPWMSYNCO/GP4[10] K4 I/O IPD GPIO sync output to external PWM eHRPWM1 eHRPWM1 A output AXR1[8]/EPWM1A/GP4[8] M2 I/O IPD (with high-resolution) McASP1, GPIO AXR1[7]/EPWM1B/GP4[7] M3 I/O IPD eHRPWM1 B output McASP1, eHRPWM1, eHRPWM1 trip zone AMUTE1/EPWMTZ/GP4[14] D4 I/O IPD GPIO, eHRPWM2 input eHRPWM2 eHRPWM2 A output AXR1[6]/EPWM2A/GP4[6] M4 I/O IPD (with high-resolution) McASP1, GPIO AXR1[5]/EPWM2B/GP4[5] N1 I/O IPD eHRPWM2 B output McASP1, eHRPWM1, eHRPWM2 trip zone AMUTE1/EPWMTZ/GP4[14] D4 I/O IPD GPIO, eHRPWM2 input (1) I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal. Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different types (i.e., input versus output), the table reflects the pin function direction for that particular peripheral. (2) IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor 20 Device Overview Copyright © 2010–2014, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM1707 |
Numéro de pièce similaire - AM1707DZKB3 |
|
Description similaire - AM1707DZKB3 |