Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM1705DPTPA3 Fiches technique(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM1705DPTPA3
Description  AM1705 ARM짰 Microprocessor
Download  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM1705DPTPA3 Fiches technique(HTML) 78 Page - Texas Instruments

Back Button AM1705DPTPA3 Datasheet HTML 74Page - Texas Instruments AM1705DPTPA3 Datasheet HTML 75Page - Texas Instruments AM1705DPTPA3 Datasheet HTML 76Page - Texas Instruments AM1705DPTPA3 Datasheet HTML 77Page - Texas Instruments AM1705DPTPA3 Datasheet HTML 78Page - Texas Instruments AM1705DPTPA3 Datasheet HTML 79Page - Texas Instruments AM1705DPTPA3 Datasheet HTML 80Page - Texas Instruments AM1705DPTPA3 Datasheet HTML 81Page - Texas Instruments AM1705DPTPA3 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 165 page
background image
AM1705
SPRS657E – FEBRUARY 2010 – REVISED JUNE 2014
www.ti.com
6.13.3 MMC/SD Electrical Data/Timing
Table 6-29. Timing Requirements for MMC/SD Module
(see Figure 6-22 and Figure 6-24)
No.
PARAMETER
MIN
MAX
UNIT
1
tsu(CMDV-CLKH)
Setup time, MMCSD_CMD valid before MMCSD_CLK high
3.2
ns
2
th(CLKH-CMDV)
Hold time, MMCSD_CMD valid after MMCSD_CLK high
1.5
ns
3
tsu(DATV-CLKH)
Setup time, MMCSD_DATx valid before MMCSD_CLK high
3.2
ns
4
th(CLKH-DATV)
Hold time, MMCSD_DATx valid after MMCSD_CLK high
1.5
ns
Table 6-30. Switching Characteristics Over Recommended Operating Conditions for MMC/SD Module
(see Figure 6-21 through Figure 6-24)
No.
PARAMETER
MIN
MAX
UNIT
7
f(CLK)
Operating frequency, MMCSD_CLK
0
52
MHz
8
f(CLK_ID)
Identification mode frequency, MMCSD_CLK
0
400
KHz
9
tW(CLKL)
Pulse width, MMCSD_CLK low
6.5
ns
10
tW(CLKH)
Pulse width, MMCSD_CLK high
6.5
ns
11
tr(CLK)
Rise time, MMCSD_CLK
3
ns
12
tf(CLK)
Fall time, MMCSD_CLK
3
ns
13
td(CLKL-CMD)
Delay time, MMCSD_CLK low to MMCSD_CMD transition
-4.5
2.5
ns
14
td(CLKL-DAT)
Delay time, MMCSD_CLK low to MMCSD_DATx transition
-4.5
2.5
ns
78
Peripheral Information and Electrical Specifications
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM1705


Numéro de pièce similaire - AM1705DPTPA3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM1705DPTPA3 TI1-AM1705DPTPA3 Datasheet
1Mb / 164P
[Old version datasheet]   AM1705 ARM Microprocessor
More results

Description similaire - AM1705DPTPA3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM1705 TI-AM1705_15 Datasheet
1Mb / 165P
[Old version datasheet]   AM1705 ARM짰 Microprocessor
AM1705_1004 TI-AM1705_1004 Datasheet
999Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705 TI-AM1705 Datasheet
991Kb / 155P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705_1007 TI-AM1705_1007 Datasheet
1Mb / 156P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1705DPTPA3 TI1-AM1705DPTPA3 Datasheet
1Mb / 164P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1707 TI1-AM1707_16 Datasheet
1Mb / 200P
[Old version datasheet]   AM1707 ARM짰 Microprocessor
AM1808 TI1-AM1808_16 Datasheet
1Mb / 265P
[Old version datasheet]   AM1808 ARM짰 Microprocessor
AM1707 TI-AM1707_15 Datasheet
1Mb / 200P
[Old version datasheet]   AM1707 ARM짰 Microprocessor
AM1802 TI-AM1802_15 Datasheet
1Mb / 182P
[Old version datasheet]   AM1802 ARM짰 Microprocessor
AM1806 TI1-AM1806_16 Datasheet
1Mb / 245P
[Old version datasheet]   AM1806 ARM짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com