Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ABT162823ADLR Fiches technique(PDF) 10 Page - Texas Instruments |
|
SN74ABT162823ADLR Fiches technique(HTML) 10 Page - Texas Instruments |
10 / 13 page www.ti.com PACKAGE OUTLINE C TYP 8.3 7.9 1.2 MAX 54X 0.5 56X 0.27 0.17 2X 13.5 (0.15) TYP 0 - 8 0.15 0.05 0.25 GAGE PLANE 0.75 0.50 A NOTE 3 14.1 13.9 B 6.2 6.0 4222167/A 07/2015 TSSOP - 1.2 mm max height DGG0056A SMALL OUTLINE PACKAGE NOTES: 1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing per ASME Y14.5M. 2. This drawing is subject to change without notice. 3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not exceed 0.15 mm per side. 4. Reference JEDEC registration MO-153. 1 56 0.08 C A B 29 28 PIN 1 ID AREA SEATING PLANE 0.1 C SEE DETAIL A DETAIL A TYPICAL SCALE 1.200 |
Numéro de pièce similaire - SN74ABT162823ADLR |
|
Description similaire - SN74ABT162823ADLR |