Moteur de recherche de fiches techniques de composants électroniques |
|
CD4049UBEE4 Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
CD4049UBEE4 Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 37 page 4 Input High Voltage, VIH Min CD4049UB 0.5 - 5 44444 - - V 1 - 10 88888 - - V 1.5 - 15 12.5 12.5 12.5 12.5 12.5 - - V Input High Voltage, VIH Min CD4050B 4.5 - 5 3.5 3.5 3.5 3.5 3.5 - - V 9 - 10 77777 - - V 13.5 - 15 11 11 11 11 11 - - V Input Current, IIN Max - 0,18 18 ±0.1 ±0.1 ±1 ±1- ±10-5 ±0.1 µA DC Electrical Specifications (Continued) PARAMETER TEST CONDITIONS LIMITS AT INDICATED TEMPERATURE (oC) UNITS -55 -40 85 125 25 VO (V) VIN (V) VCC (V) MIN TYP MAX AC Electrical Specifications TA = 25 oC, Input t r, tf = 20ns, CL = 50pF, RL = 200kΩ PARAMETER TEST CONDITIONS LIMITS (ALL PACKAGES) UNITS VIN VCC TYP MAX Propagation Delay Time Low to High, tPLH CD4049UB 5 5 60 120 ns 10 10 32 65 ns 10 5 45 90 ns 15 15 25 50 ns 15 5 45 90 ns Propagation Delay Time Low to High, tPLH CD4050B 5 5 70 140 ns 10 10 40 80 ns 10 5 45 90 ns 15 15 30 60 ns 15 5 40 80 ns Propagation Delay Time High to Low, tPHL CD4049UB 5 5 32 65 ns 10 10 20 40 ns 10 5 15 30 ns 15 15 15 30 ns 15 5 10 20 ns Propagation Delay Time High to Low, tPHL CD4050B 5 5 55 110 ns 10 10 22 55 ns 10 5 50 100 ns 15 15 15 30 ns 15 5 50 100 ns Transition Time, Low to High, tTLH 5 5 80 160 ns 10 10 40 80 ns 15 15 30 60 ns Transition Time, High to Low, tTHL 5 5 30 60 ns 10 10 20 40 ns 15 15 15 30 ns CD4049UB, CD4050B |
Numéro de pièce similaire - CD4049UBEE4 |
|
Description similaire - CD4049UBEE4 |