Moteur de recherche de fiches techniques de composants électroniques |
|
CD4066B Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
CD4066B Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 25 page CD4066B CMOS QUAD BILATERAL SWITCH SCHS051D − NOVEMBER 1998 − REVISED SEPTEMBER 2003 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics (continued) LIMITS AT INDICATED TEMPERATURES CHARACTERISTIC TEST CONDITIONS VDD −55 °C −40 °C 85 °C 125 °C 25 °C UNIT CHARACTERISTIC TEST CONDITIONS VDD (V) −55 °C −40 °C 85 °C 125 °C TYP MAX UNIT Control (VC) Control input, |Iis| < 10 µA, 5 1 1 1 1 1 VILC Control input, low voltage (max) |Iis| < 10 µA, Vis = VSS, VOS = VDD, and V = V , V = V 10 2 2 2 2 2 V VILC low voltage (max) Vis = VSS, VOS = VDD, and Vis = VDD, VOS = VSS 15 2 2 2 2 2 V Control input, 5 3.5 (MIN) VIHC Control input, high voltage See Figure 6 10 7 (MIN) V VIHC high voltage See Figure 6 15 11 (MIN) V IIN Input current (max) Vis ≤ VDD, VDD − VSS = 18 V, VCC ≤ VDD − VSS 18 ±0.1 ±0.1 ±1 ±1 ±10−5 ±0.1 µA Crosstalk (control input to signal output) VC = 10 V (square wave), tr, tf = 20 ns, RL = 10 kΩ 10 50 mV Turn-on and turn-off VIN = VDD, tr, tf = 20 ns, 5 35 70 Turn-on and turn-off propagation delay VIN = VDD, tr, tf = 20 ns, CL = 50 pF, RL = 1 kΩ 10 20 40 ns propagation delay CL = 50 pF, RL = 1 kΩ 15 15 30 ns Vis = VDD, VSS = GND, RL = 1 kΩ to GND, CL = 50 pF, 5 6 Maximum control input repetition rate RL = 1 kΩ to GND, CL = 50 pF, VC = 10 V (square wave centered on 5 V), tr, tf = 20 ns, 10 9 MHz repetition rate C centered on 5 V), tr, tf = 20 ns, Vos = 1/2 Vos at 1 kHz 15 9.5 CI Input capacitance 5 7.5 pF switching characteristics VDD SWITCH INPUT SWITCH OUTPUT, Vos VDD (V) Vis (V) Iis (mA) OUTPUT, Vos (V) (V) Vis (V) −55 °C −40 °C 25 °C 85 °C 125 °C MIN MAX 5 0 0.64 0.61 0.51 0.42 0.36 0.4 5 5 −0.64 −0.61 −0.51 −0.42 −0.36 4.6 10 0 1.6 1.5 1.3 1.1 0.9 0.5 10 10 −1.6 −1.5 −1.3 −1.1 −0.9 9.5 15 0 4.2 4 3.4 2.8 2.4 1.5 15 15 −4.2 −4 −3.4 −2.8 −2.4 13.5 |
Numéro de pièce similaire - CD4066B |
|
Description similaire - CD4066B |