Moteur de recherche de fiches techniques de composants électroniques |
|
CD4066BMG4 Fiches technique(PDF) 8 Page - Texas Instruments |
|
CD4066BMG4 Fiches technique(HTML) 8 Page - Texas Instruments |
8 / 25 page CD4066B CMOS QUAD BILATERAL SWITCH SCHS051D − NOVEMBER 1998 − REVISED SEPTEMBER 2003 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TYPICAL CHARACTERISTICS VDD = 5 V VC = −5 V VSS = −5 V Cios Cis Cos CD4066B 1 of 4 Switches Measured on Boonton capacitance bridge, model 75a (1 MHz); test-fixture capacitance nulled out. 92CS-30921 Figure 10. Typical On Characteristics for One of Four Channels VDD VC = VSS Vos VSS CD4066B 1 of 4 Switches Vis = VDD I 92CS-30922 Figure 11. Off-Switch Input or Output Leakage All unused terminals are connected to VSS. VDD VC = VDD Vos VSS CD4066B 1 of 4 Switches Vis Figure 12. Propagation Delay Time Signal Input (Vis) to Signal Output (Vos) 92CS-30923 200 k Ω 50 pF VDD tr = tf = 20 ns All unused terminals are connected to VSS. VDD VC Vos VSS CD4066B 1 of 4 Switches Vis Figure 13. Crosstalk-Control Input to Signal Output +10 V tr = tf = 20 ns 92CS-30924 10 k Ω 1 k Ω All unused terminals are connected to VSS. |
Numéro de pièce similaire - CD4066BMG4 |
|
Description similaire - CD4066BMG4 |