Moteur de recherche de fiches techniques de composants électroniques |
|
74FCT162H244ETPVCT Fiches technique(PDF) 4 Page - Texas Instruments |
|
74FCT162H244ETPVCT Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 15 page CY74FCT16244T CY74FCT162244T CY74FCT162H244T 4 Capacitance[6](TA = +25˚C, f = 1.0 MHz) Parameter Description Test Conditions Typ.[5] Max. Unit CIN Input Capacitance VIN = 0V 4.5 6.0 pF COUT Output Capacitance VOUT = 0V 5.5 8.0 pF Power Supply Characteristics Parameter Description Test Conditions Typ.[5] Max. Unit ICC Quiescent Power Supply Current VCC=Max. VIN≤0.2V, VIN≤VCC-0.2V 5 500 µA ∆I CC Quiescent Power Supply Current (TTL inputs HIGH) VCC=Max. VIN=3.4V [10] 0.5 1.5 mA ICCD Dynamic Power Supply Current[11] VCC=Max., One Input Toggling, 50% Duty Cycle, Outputs Open, OE=GND VIN=VCC or VIN=GND 60 100 µA/MHz IC Total Power Supply Current[12] VCC=Max., f1=10 MHz, 50% Duty Cycle, Outputs Open, One Bit Toggling, OE=GND VIN=VCC or VIN=GND 0.6 1.5 mA VIN=3.4V or VIN=GND 0.9 2.3 mA VCC=Max., f1=2.5 MHz, 50% Duty Cycle, Outputs Open, Six- teen Bits Toggling, OE=GND VIN=VCC or VIN=GND 2.4 4.5[13] mA VIN=3.4V or VIN=GND 6.4 16.5[13] mA Notes: 10. Per TTL driven input (VIN = 3.4V); all other inputs at VCC or GND. 11. This parameter is not directly testable, but is derived for use in Total Power Supply calculations. 12. IC=IQUIESCENT + IINPUTS + IDYNAMIC IC =ICC+∆ICCDHNT+ICCD(f0/2 + f1N1) ICC = Quiescent Current with CMOS input levels ICC = Power Supply Current for a TTL HIGH input (VIN=3.4V) DH = Duty Cycle for TTL inputs HIGH NT = Number of TTL inputs at DH ICCD = Dynamic Current caused by an input transition pair (HLH or LHL) f0 = Clock frequency for registered devices, otherwise zero f1 = Input signal frequency N1 = Number of inputs changing at f1 All currents are in milliamps and all frequencies are in megahertz. 13. Values for these conditions are examples of the ICC formula. These limits are specified but not tested. |
Numéro de pièce similaire - 74FCT162H244ETPVCT |
|
Description similaire - 74FCT162H244ETPVCT |