Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54ACT11827 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce 54ACT11827
Description  10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

54ACT11827 Fiches technique(HTML) 3 Page - Texas Instruments

  54ACT11827_09 Datasheet HTML 1Page - Texas Instruments 54ACT11827_09 Datasheet HTML 2Page - Texas Instruments 54ACT11827_09 Datasheet HTML 3Page - Texas Instruments 54ACT11827_09 Datasheet HTML 4Page - Texas Instruments 54ACT11827_09 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
54ACT11827, 74ACT11827
10BIT BUFFERS/BUS DRIVERS
WITH 3STATE OUTPUTS
SCAS078 − NOVEMBER 1989 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−3
recommended operating conditions
54ACT11827
74ACT11827
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
4.5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
0
VCC
0
VCC
V
VO
Output voltage
0
VCC
0
VCC
V
IOH
High-level output current
−24
−24
mA
IOL
Low-level output current
24
24
mA
Dt/Dv
Input transition rise or fall rate
0
10
0
10
ns/ V
TA
Operating free-air temperature
−55
125
−40
85
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
54ACT11827
74ACT11827
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
IOH = − 50 A
4.5 V
4.4
4.4
4.4
IOH = − 50 mA
5.5 V
5.4
5.4
5.4
VOH
IOH = − 24 mA
4.5 V
3.94
3.7
3.8
V
VOH
IOH = − 24 mA
5.5 V
4.94
4.7
4.8
V
IOH = − 50 mA†
5.5 V
3.85
IOH = − 75 mA†
5.5 V
3.85
IOL = 50 A
4.5 V
0.1
0.1
0.1
IOL = 50 mA
5.5 V
0.1
0.1
0.1
VOL
IOL = 24 mA
4.5 V
0.36
0.5
0.44
V
VOL
IOL = 24 mA
5.5 V
0.36
0.5
0.44
V
IOL = 50 mA†
5.5 V
1.65
IOL = 75 mA†
5.5 V
1.65
IOZ
VO = VCC or GND
5.5 V
± 0.5
± 10
±5
mA
II
VI = VCC or GND
5.5 V
± 0.1
± 1
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
8
160
80
mA
DICC‡
One input at 3.4 V,
Other inputs at GND or VCC
5.5 V
0.9
1
1
mA
Ci
VI = VCC or GND
5 V
4
pF
Co
VO = VCC or GND
5 V
10
pF
† Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms.
‡ This is the increase in supply current for each input that is at one of the specified TTL voltage levels rather than 0 V to VCC.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Numéro de pièce similaire - 54ACT11827_09

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
54ACT11827 TI-54ACT11827 Datasheet
87Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - 54ACT11827_09

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
54ACT11828 TI-54ACT11828 Datasheet
78Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11827 TI-54ACT11827 Datasheet
87Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
54ACT11828 TI1-54ACT11828_09 Datasheet
90Kb / 5P
[Old version datasheet]   10-BIT BUFFERS/BUS DRIVERS WITH 3-STATE OUTPUTS
SN74ALS29827 TI-SN74ALS29827 Datasheet
80Kb / 5P
[Old version datasheet]   10-BIT BUFFERS AND BUS DRIVERS WITH 3-STATE OUTPUTS
SN74ALS29827 TI1-SN74ALS29827_15 Datasheet
215Kb / 9P
[Old version datasheet]   10-BIT BUFFERS AND BUS DRIVERS WITH 3-STATE OUTPUTS
SN54BCT29827B TI-SN54BCT29827B Datasheet
251Kb / 9P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT827 TI1-SN54ABT827_16 Datasheet
896Kb / 17P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT827 TI-SN54ABT827 Datasheet
399Kb / 16P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT2827 TI-SN54ABT2827 Datasheet
104Kb / 6P
[Old version datasheet]   10-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74BCT29828B TI1-SN74BCT29828B Datasheet
78Kb / 4P
[Old version datasheet]   10-BIT BUFFERS /DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com