Moteur de recherche de fiches techniques de composants électroniques |
|
CD4010BPWG4 Fiches technique(PDF) 5 Page - Texas Instruments |
|
CD4010BPWG4 Fiches technique(HTML) 5 Page - Texas Instruments |
5 / 17 page PACKAGE OPTION ADDENDUM www.ti.com 17-Dec-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 89264UKB3T OBSOLETE CFP WR 16 TBD Call TI Call TI -55 to 125 CD4009UBE ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -55 to 125 CD4009UBE CD4009UBEE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -55 to 125 CD4009UBE CD4009UBF3A ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 CD4009UBF3A CD4009UBM ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4009UBM CD4009UBMG4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4009UBM CD4009UBMT ACTIVE SOIC D 16 250 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4009UBM CD4009UBPWR ACTIVE TSSOP PW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CM009UB CD4010BE ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -55 to 125 CD4010BE CD4010BEE4 ACTIVE PDIP N 16 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -55 to 125 CD4010BE CD4010BF ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 CD4010BF CD4010BF3A ACTIVE CDIP J 16 1 TBD A42 N / A for Pkg Type -55 to 125 CD4010BF3A CD4010BM ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4010BM CD4010BM96 ACTIVE SOIC D 16 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4010BM CD4010BM96E4 ACTIVE SOIC D 16 TBD Call TI Call TI -55 to 125 CD4010BM96G4 OBSOLETE SOIC D 16 TBD Call TI Call TI -55 to 125 CD4010BME4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4010BM CD4010BMG4 ACTIVE SOIC D 16 40 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -55 to 125 CD4010BM |
Numéro de pièce similaire - CD4010BPWG4 |
|
Description similaire - CD4010BPWG4 |