Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF640PBF Fiches technique(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

No de pièce IRF640PBF
Description  18A,200V Heatsink N-Channel Type Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Site Internet  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

IRF640PBF Fiches technique(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  IRF640PBF Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. IRF640PBF Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. IRF640PBF Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd. IRF640PBF Datasheet HTML 4Page - Thinki Semiconductor Co., Ltd. IRF640PBF Datasheet HTML 5Page - Thinki Semiconductor Co., Ltd. IRF640PBF Datasheet HTML 6Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDSS
Drain to Source Voltage
200
V
ID
Continuous Drain Current(@TC = 25°C)
18
A
Continuous Drain Current(@TC = 100°C)
11
A
IDM
Drain Current Pulsed
(Note 1)
72
A
VGS
Gate to Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
220
mJ
EAR
Repetitive Avalanche Energy
(Note 1)
13.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
PD
Total Power Dissipation(@TC = 25 °C)
135
W
Derating Factor above 25 °C
1.11
W/°C
TSTG, TJ
Operating Junction Temperature & Storage Temperature
- 55 ~ 150
°C
TL
Maximum Lead Temperature for soldering purpose,
1/8 from Case for 5 seconds.
300
°C
Thermal Characteristics
Symbol
Parameter
Value
Units
Min.
Typ.
Max.
RTJC
Thermal Resistance, Junction-to-Case
-
-
0.9
°C/W
RTCS
Thermal Resistance, Case to Sink
-
0.5
-
°C/W
RTJA
Thermal Resistance, Junction-to-Ambient
-
-
62.5
°C/W
Features
RDS(on) (Max 0.18
)@VGS=10V
Gate Charge (Typical 44nC)
Improved dv/dt Capability
High ruggedness
100% Avalanche Tested
RDS(ON) = 0.18 ohm
ID = 18A
BVDSS = 200V
1.Gate
2.Drain
3.Source
®
IRF640PBF
Pb Free Plating Product
IRF640PBF
Pb
18A,200V Heatsink N-Channel Type Power MOSFET
TO-220C
1
2
3
General Description
This N-channel enhancement mode field-effect power transistor
using THINKI Semiconductor advanced planar stripe, DMOS technol-
ogy intended for off-line switch mode power supply.
Also, especially designed to minimize rds(on) and high rugged
avalanche characteristics. The TO-220C pkg is well suited for
adaptor power unit and small power inverter application.
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 1/6
Rev.05


Numéro de pièce similaire - IRF640PBF

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
IRF640PBF VISHAY-IRF640PBF Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 07-Jul-08
logo
Kersemi Electronic Co.,...
IRF640PBF KERSEMI-IRF640PBF Datasheet
6Mb / 7P
   Power MOSFET Dynamic dV/dt Rating Repetitive Avalanche Rated Fast Switching
logo
VBsemi Electronics Co.,...
IRF640PBF VBSEMI-IRF640PBF Datasheet
1Mb / 6P
   N-Channel 200 V (D-S) MOSFET
logo
Vishay Siliconix
IRF640PBF VISHAY-IRF640PBF Datasheet
168Kb / 8P
   Power MOSFET
01-Jan-2022
More results

Description similaire - IRF640PBF

FabricantNo de pièceFiches techniqueDescription
logo
First Components Intern...
IRF640 FCI-IRF640 Datasheet
158Kb / 5P
   18A 200V N CHANNEL POWER MOSFET
logo
Thinki Semiconductor Co...
IRF630PBF THINKISEMI-IRF630PBF Datasheet
1Mb / 6P
   9A,200V Heatsink N-Channel Type Power MOSFET
logo
First Components Intern...
IRF640FP FCI-IRF640FP Datasheet
231Kb / 5P
   IRF640FP 18A 200V N CHANNEL POWER MOSFET
logo
Unisonic Technologies
UF640V UTC-UF640V Datasheet
214Kb / 5P
   18A, 200V, 0.18OHM N-CHANNEL POWER MOSFET
logo
Intersil Corporation
IRF240 INTERSIL-IRF240 Datasheet
59Kb / 7P
   18A, 200V, 0.180 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDP18N20F FAIRCHILD-FDP18N20F Datasheet
689Kb / 10P
   N-Channel MOSFET 200V, 18A, 0.14廓
logo
HY ELECTRONIC CORP.
HY18N20D HY-HY18N20D Datasheet
242Kb / 4P
   200V / 18A N-Channel Enhancement Mode MOSFET
HY18N20T HY-HY18N20T Datasheet
242Kb / 4P
   200V / 18A N-Channel Enhancement Mode MOSFET
logo
Fairchild Semiconductor
IRF640N FAIRCHILD-IRF640N Datasheet
160Kb / 11P
   N-Channel Power MOSFETs 200V, 18A, 0.15ohm
IRF240-243 FAIRCHILD-IRF240-243 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 18A, 150-200V
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com