Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FML32S Fiches technique(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

No de pièce FML32S
Description  20Ampere,200Volt Insulated Fast Recovery Diode for Welding Machine
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Site Internet  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

FML32S Fiches technique(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  FML32S Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. FML32S Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. FML32S Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2006 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com/
Page 2/3
Rev.05
Figure 1. Forward Voltage Drop vs Forward Current
Figure 2. Reverse Recovery Time vs diF/dt
0
5
10
15
20
25
30
0.3
0.6
0.9
1.2
1.5
25°C
125°C
0
20
40
60
80
100
200
300
400
500
25°C
125°C
12
15
25°C
125°C
diF/dt(A/μs)
VF(V)
200
250
25°C
125°C
Per Diode
Per Diode
Figure 3. Reverse Recovery Current vs diF/dt
Figure 4. Reverse Recovery Charge vs diF/dt
0
3
6
9
100
200
300
400
500
0
4
8
12
25
50
75
100 125 150 175
DC
TC(℃)
diF/dt(A/μs)
0
50
100
150
100
200
300
400
500
diF/dt(A/μs)
0.01
0.1
1
10
0.001
0.01
0.1
1
10
Per Diode
Per Diode
Per Diode
Per Diode
Figure 5.Forward current vs.Case temperature
Figure 6. Transient Thermal Impedance
TC(℃)
Rectangular Pulse Duration (seconds)
®
FML32S


Numéro de pièce similaire - FML32S

FabricantNo de pièceFiches techniqueDescription
logo
Thinki Semiconductor Co...
FML32S THINKISEMI-FML32S Datasheet
1,013Kb / 3P
   20.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
More results

Description similaire - FML32S

FabricantNo de pièceFiches techniqueDescription
logo
Thinki Semiconductor Co...
D92M-02 THINKISEMI-D92M-02 Datasheet
821Kb / 3P
   20Ampere,200Volt Insulated Fast Recovery Diode for Welding Machine
FMX32S THINKISEMI-FMX32S Datasheet
799Kb / 3P
   20Ampere,200Volt Insulated Fast Recovery Diode for Welding Machine
XS4202 THINKISEMI-XS4202 Datasheet
797Kb / 3P
   20Ampere,200Volt Insulated Fast Recovery Diode for Welding Machine
X4202S THINKISEMI-X4202S Datasheet
797Kb / 3P
   20Ampere,200Volt Insulated Fast Recovery Diode for Welding Machine
L4206S THINKISEMI-L4206S Datasheet
819Kb / 3P
   20Ampere,600Volt Insulated Fast Recovery Diode for Welding Machine
D4204S THINKISEMI-D4204S Datasheet
694Kb / 3P
   20Ampere,400Volt Insulated Fast Recovery Diode for Welding Machine
D4206S THINKISEMI-D4206S Datasheet
818Kb / 3P
   20Ampere,600Volt Insulated Fast Recovery Diode for Welding Machine
FFB20UP20DN THINKISEMI-FFB20UP20DN Datasheet
1Mb / 3P
   20Ampere,200Volt Surface Mount Dual Common Cathode Ultra Fast Recovery Epitaxial Diode
SDURF2020CT THINKISEMI-SDURF2020CT Datasheet
757Kb / 2P
   20Ampere Insulated Dual Common Cathode Ultra Fast Recovery Rectifiers
SDURF2020CTR THINKISEMI-SDURF2020CTR Datasheet
757Kb / 2P
   20Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com