Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3444 Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce 2SK3444
Description  Switching Regulator, DC-DC Converter Applications Motor Drive Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3444 Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  2SK3444 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3444 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3444 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3444 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3444 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3444 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK3444
2004-07-06
2
Electrical Characteristics (Note 4) (Ta
= 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±25 V, VDS = 0 V
±10
µA
Drain cut-off current
IDSS
VDS = 200 V, VGS = 0 V
100
µA
Drain-source breakdown voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
200
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
3.0
5.0
V
Drain-source ON resistance
RDS (ON)
VGS = 10 V, ID = 12.5 A
65
82
m
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 12.5 A
5
10
S
Input capacitance
Ciss
2080
Reverse transfer capacitance
Crss
280
Output capacitance
Coss
VDS = 10 V, VGS = 0 V, f = 1 MHz
1060
pF
Rise time
tr
20
Turn-on time
ton
40
Fall time
tf
10
Switching time
Turn-off time
toff
Duty <= 1%, tw = 10 µs
40
ns
Total gate charge
(gate-source plus gate-drain)
Qg
44
Gate-source charge
Qgs
21
Gate-drain (“miller”) charge
Qgd
VDD ∼− 160 V, VGS = 10 V,
ID = 25 A
23
nC
Note 4: Connect the S1 pin and S2 pin together, and ground them except during switching time measurement.
Source-Drain Diode Ratings and Characteristics (Note 5) (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current
(Note 1, Note 5)
IDR1
25
A
Pulse drain reverse current
(Note 1, Note 5)
IDRP1
100
A
Continuous drain reverse current
(Note 1, Note 5)
IDR2
1
A
Pulse drain reverse current
(Note 1, Note 5)
IDRP2
4
A
Forward voltage (diode)
VDS2F
IDR1 = 25 A, VGS = 0 V
−1.5
V
Reverse recovery time
trr
290
ns
Reverse recovery charge
Qrr
IDR = 25 A, VGS = 0 V,
dIDR/dt = 100 A/µs
2.2
µC
Note 5: IDR1, IDRP1: Current flowing between the drain and the S2 pin. Ensure that the S1 pin is left open.
IDR2, IDRP2: Current flowing between the drain and the S1 pin. Ensure that the S2 pin is left open.
Unless otherwise specified, connect the S1 and S2 pins together, and ground them.
VDD ∼− 100 V
0 V
VGS
10 V
ID = 12.5 A
VOUT


Numéro de pièce similaire - 2SK3444

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
2SK3444 TOSHIBA-2SK3444 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444 Datasheet
200Kb / 6P
   Switching Regulator, DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3444 TOSHIBA-2SK3444_06 Datasheet
188Kb / 6P
   Silicon N Channel MOS Type Switching Regulator, DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444_09 Datasheet
200Kb / 6P
   Switching Regulator, DC-DC Converter Applications
More results

Description similaire - 2SK3444

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCA8050-H TOSHIBA-TPCA8050-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8052-H TOSHIBA-TPCA8052-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8050-H TOSHIBA-TPC8050-H Datasheet
213Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8047-H TOSHIBA-TPCA8047-H Datasheet
202Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8049-H TOSHIBA-TPC8049-H Datasheet
215Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8048-H TOSHIBA-TPCA8048-H Datasheet
203Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8045-H TOSHIBA-TPC8045-H Datasheet
215Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8051-H TOSHIBA-TPCA8051-H Datasheet
198Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
2SK3389 TOSHIBA-2SK3389 Datasheet
320Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
2SK3440 TOSHIBA-2SK3440 Datasheet
320Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6