Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


74ACT11132DR Datasheet(Fiches technique) 1 Page - Texas Instruments

Numéro de pièce 74ACT11132DR
Description  QUADRUPLE POSITIVE-NAND GATE WITH SCHMITT-TRIGGER INPUTS
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo 

   
 1 page
background image
74ACT11132
QUADRUPLE POSITIVENAND GATE
WITH SCHMITT TRIGGER INPUTS
SCAS177 − D3974, JANUARY 1992 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
Copyright
1993, Texas Instruments Incorporated
2−1
Inputs Are TTL-Voltage Compatible
Center-Pin V
CC and GND Pin Configurations
Minimize High-Speed Switching Noise
EPIC (Enhanced-Performance Implanted
CMOS) 1-
µm Process
500-mA Typical Latch-Up Immunity at 125°C
Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
This device contains four independent 2-input NAND gates with Schmitt-trigger inputs. Because of the Schmitt
action, they have different input threshold levels for positive- and negative-going signals. Each gate performs
the Boolean function Y = A
•B or Y = A+B in positive logic.
The 74ACT11132 is characterized for operation from − 40
°C to 85°C.
FUNCTION TABLE
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
H
L
L
XH
X
L
H
logic symbol
logic diagram (positive logic)
1Y
2
1
1A
16
1B
15
2A
14
2B
11
3A
10
3B
9
4A
8
4B
2Y
3
3Y
6
4Y
7
&
1A
1B
1
16
1Y
2A
2B
15
14
2Y
3A
3B
11
10
3Y
4A
4B
9
8
4Y
2
3
6
7
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1A
1Y
2Y
GND
GND
3Y
4Y
4B
1B
2A
2B
VCC
VCC
3A
3B
4A
D OR N PACKAGE
(TOP VIEW)
EPIC is a trademark of Texas Instruments Incorporated.




Html Pages

1  2  3  4  5 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl