Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


74ACT11181DW Datasheet(Fiches technique) 10 Page - Texas Instruments

Numéro de pièce 74ACT11181DW
Description  ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
Télécharger  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo 

 
 10 page
background image
74ACT11181
ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
SCAS086 − D3200, OCTOBER 1989 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−10
PARAMETER MEASUREMENT INFORMATION
ADDITION MODE TEST TABLE
FUNCTION INPUTS: M = S1 = S2 = 0 V, S0 = S2 = 4.5 V
PARAMETER
INPUT
UNDER
OTHER INPUT
SAME BIT
OTHER DATA INPUTS
OUTPUT
UNDER
OUTPUT
WAVEFORM
PARAMETER
UNDER
TEST
APPLY
4.5 V
APPLY
GND
APPLY
4.5 V
APPLY
GND
UNDER
TEST
WAVEFORM
(See Figure 3)
tPLH
Ai
Bi
None
Remaining
Cn
Fi
In-Phase
tPHL
Ai
Bi
None
Remaining
A and B
Cn
Fi
In-Phase
tPLH
Bi
Ai
None
Remaining
Cn
Fi
In-Phase
tPHL
Bi
Ai
None
Remaining
A and B
Cn
Fi
In-Phase
tPLH
Ai
Bi
None
None
Remaining
P
In-Phase
tPHL
Ai
Bi
None
None
Remaining
A and B, Cn
P
In-Phase
tPLH
Bi
Ai
None
None
Remaining
P
In-Phase
tPHL
Bi
Ai
None
None
Remaining
A and B, Cn
P
In-Phase
tPHL
Ai
None
Bi
Remaining
Remaining
G
In-Phase
tPHL
Ai
None
Bi
Remaining
B
Remaining
A, Cn
G
In-Phase
tPLH
Bi
None
Ai
Remaining
Remaining
G
In-Phase
tPHL
Bi
None
Ai
Remaining
B
Remaining
A, Cn
G
In-Phase
tPLH
Cn
None
None
All
All
Any F
In-Phase
tPHL
Cn
None
None
All
A
All
B
Any F
or Cn + 4
In-Phase
tPLH
Ai
None
Bi
Remaining
Remaining
Cn + 4
Out-of-Phase
tPHL
Ai
None
Bi
Remaining
B
Remaining
A, Cn
Cn + 4
Out-of-Phase
tPLH
Bi
None
Ai
Remaining
Remaining
Cn + 4
Out-of-Phase
tPHL
Bi
None
Ai
Remaining
B
Remaining
A, Cn
Cn + 4
Out-of-Phase
MODE SWITCHING TEST TABLE
FUNCTION INPUTS: S1 = S2 = 0 V, S0 = S3 = 4.5 V
PARAMETER
INPUT
UNDER
OTHER INPUT
SAME BIT
OTHER DATA INPUTS
OUTPUT
UNDER
OUTPUT
WAVEFORM
PARAMETER
UNDER
TEST
APPLY
4.5 V
APPLY
GND
APPLY
4.5 V
APPLY
GND
UNDER
TEST
WAVEFORM
(See Figure 3)
tPLH
M
Remaining
B2, A2, Cn
Any F
In-Phase
tPHL
M
Remaining
A and B
B2, A2, Cn
Any F
In-Phase
tPLH
M
Remaining
B1, A1, Cn
A = B
In-Phase
tPHL
M
Remaining
A and B
B1, A1, Cn
A = B
In-Phase




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl