Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KFF6401A Fiches technique(PDF) 2 Page - CTS Corporation

No de pièce KFF6401A
Description  Rugged mount, silver (Ag) coated ceramic filter.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CTS [CTS Corporation]
Site Internet  http://www.ctscorp.com
Logo CTS - CTS Corporation

KFF6401A Fiches technique(HTML) 2 Page - CTS Corporation

  KFF6401A Datasheet HTML 1Page - CTS Corporation KFF6401A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KFF6401A
1575.4 MHz GPS BPF
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
7 28 Slot Foam Trays
(560 max. per box)
Dim
Nominal (mm)
Tolerance (mm)
+/- or max
A
38.60
max
B
5.70
max
C
11.75
max
D
13.63
0.127
E
13.63
0.127
F
4.2
0.127
G
8.64
0.254
I
2.02
0.127
J
3.36
0.254
Rev 0 – Origin Date: July 11, 2005 – Revision Date: July 11, 2005
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -


Numéro de pièce similaire - KFF6401A

FabricantNo de pièceFiches techniqueDescription
logo
CTS Corporation
KFF6402A CTS-KFF6402A Datasheet
425Kb / 2P
   KFF6402A
KFF6402A CTS-KFF6402A_16 Datasheet
70Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6403A CTS-KFF6403A Datasheet
62Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6407A CTS-KFF6407A Datasheet
72Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
More results

Description similaire - KFF6401A

FabricantNo de pièceFiches techniqueDescription
logo
CTS Corporation
KFF6402A CTS-KFF6402A_16 Datasheet
70Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6403A CTS-KFF6403A Datasheet
62Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6136A CTS-KFF6136A Datasheet
68Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6138A CTS-KFF6138A Datasheet
75Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6050A CTS-KFF6050A Datasheet
79Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6407A CTS-KFF6407A Datasheet
72Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
KFF6668A CTS-KFF6668A Datasheet
68Kb / 2P
   Rugged mount, silver (Ag) coated ceramic filter.
CER0167B CTS-CER0167B Datasheet
68Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0171A CTS-CER0171A Datasheet
294Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter
CER0185A CTS-CER0185A Datasheet
101Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com