Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KFF6567A Fiches technique(PDF) 1 Page - CTS Corporation

No de pièce KFF6567A
Description  Surface mount, silver (Ag) coated ceramic duplexer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CTS [CTS Corporation]
Site Internet  http://www.ctscorp.com
Logo CTS - CTS Corporation

KFF6567A Fiches technique(HTML) 1 Page - CTS Corporation

  KFF6567A_16 Datasheet HTML 1Page - CTS Corporation KFF6567A_16 Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KFF6567A
800 Mhz Duplexer
Document No. 008-0256-0
Page 1 of 2
Rev. X4VH
Features
• Low Loss
• High Rejection
• Excellent Power Handling Capability
Description
Surface mount, silver (Ag) coated ceramic
duplexer. Developed for use in 800 MHz
infrastructure applications.
Weight: 6.2 grams typical
Material: Filter is composed of a ceramic
block plated with Ag and a shield made of
nickel silver plated steel.
Filter complies with RoHS standards.
Note: Supplier shall test each filter to the critical electrical specifications of the above table. Any subsequent audits may deviate from in value due to
measurement repeatability among different test systems. Such deviations shall not exceed the following limits:
Specification Allowance
Insertion Loss
0.1 dB
Return Loss
1.0 dB
Stopbands
1.0 dB
Electrical Specifications
Parameter
Frequency
(MHz)
Typical @ 25ºC
Spec. @ 25ºC
TX to Antenna Response
Passband Insertion Loss
824-849
2.2 dB
2.5 dB max
Passband Return Loss @ TX
824-849
11.5 dB
10.0 dB min
Attenuation:
779-804
11.5 dB
10.0 dB min
Attenuation:
869-894
47.0 dB
45.0 dB min
Antenna to RX Response
Passband Insertion Loss
869-894
3.0 dB
3.3 dB max
Passband Return Loss @ RX
869-894
10.0 dB
8.0 dB min
Attenuation
824-849
54.0 dB
52.0 dB min
Attenuation
914-939
24.0 dB
20.0 dB min
Attenuation
959-984
49.0 dB
45.0 dB min
Power Rating
3W
Impedance
50
Rev 2 – Origin Date: July 11, 2005 – Revision Date: March 3, 2006
- CTS Electronic Components - www.ctscorp.com - 171 Covington Drive - Bloomingdale, IL 60108 -
•“This product is covered by one or more of the following U.S. and foreign patents including: US 4,692,726;US 4,742,562; US 4,800,348;US 4,829,274;US 5,146,193;EP 0573597;DE 0573597;FR 0573597;JP 508149/92;KR 142171;US
5,162,760;US 5,218,329;US 5,250,916;US 5,327,109;US 5,488,335;CA 2114029;FR 9306297;GB 2273393;JP 3205337;KR 115113;CN 93106228.4;US 5,512,866;EP 0706719;DE 0706719;FR 0706719;GB 0706719;CN 95190359.4;US
5,602,518;US 5,721,520;US 5,745,018;EP 0910875;DE 0910875;DK 0910875;FR 0910875;GB 0910875;IE 0910875;JP 505182/98;KR 10-323013;US 5,994,978;US 6,462,629;CN 00810420.4;US 6,559,735;US 6,650,202;US 6,834,429.Other
US and foreign patents pending.
•CTS Corporation 2006 reserves all copyrights in the layout, design and configuration of the patterns on this product.”


Numéro de pièce similaire - KFF6567A_16

FabricantNo de pièceFiches techniqueDescription
logo
CTS Corporation
KFF6567A CTS-KFF6567A Datasheet
546Kb / 2P
   KFF6567A
More results

Description similaire - KFF6567A_16

FabricantNo de pièceFiches techniqueDescription
logo
CTS Corporation
DPX0528A CTS-DPX0528A Datasheet
176Kb / 2P
   Surface mount, silver (Ag) coated ceramic DUPlexer
KFF7118A CTS-KFF7118A Datasheet
92Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer
CER0335A CTS-CER0335A Datasheet
72Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer
CER0472A CTS-CER0472A Datasheet
96Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0496C CTS-CER0496C Datasheet
96Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0668A CTS-CER0668A Datasheet
93Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0237C CTS-CER0237C Datasheet
74Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0395A CTS-CER0395A Datasheet
309Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0439A CTS-CER0439A Datasheet
176Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0613A CTS-CER0613A Datasheet
90Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
KFF6637C CTS-KFF6637C Datasheet
148Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com