Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KFF6520A Fiches technique(PDF) 2 Page - CTS Corporation

No de pièce KFF6520A
Description  Surface mount, silver (Ag) coated ceramic duplexer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CTS [CTS Corporation]
Site Internet  http://www.ctscorp.com
Logo CTS - CTS Corporation

KFF6520A Fiches technique(HTML) 2 Page - CTS Corporation

  KFF6520A Datasheet HTML 1Page - CTS Corporation KFF6520A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KFF6520A
1555 MHz InMarSat BPF
Mechanical Drawing
Electrical response
PCB Layout
Document No. 008-0256-0
Page 2 of 2
Rev. X4VH
٠ CTS Electronic Components ٠ www.ctscorp.com ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠
Packaging and Marking
Dim
Nominal (mm)
Tolerance (mm)
+/- or max
A
33.580
max
B
6.68
max
C
7.850
max
D
10.808
0.127
E
10.808
0.127
F
2.616
0.127
G
0.635
0.127
I
2.032
0.127
J
0.635
0.127
560 per box
10 28 Slot Foam Trays


Numéro de pièce similaire - KFF6520A

FabricantNo de pièceFiches techniqueDescription
logo
CTS Corporation
KFF6505A CTS-KFF6505A Datasheet
53Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
KFF6505B CTS-KFF6505B Datasheet
56Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
logo
List of Unclassifed Man...
KFF6514A ETC-KFF6514A Datasheet
118Kb / 2P
   1542 MHZ INMARSAT /GPS BPF
logo
CTS Corporation
KFF6514A CTS-KFF6514A Datasheet
68Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
KFF6516A CTS-KFF6516A Datasheet
77Kb / 2P
   Excellent Return Loss
More results

Description similaire - KFF6520A

FabricantNo de pièceFiches techniqueDescription
logo
CTS Corporation
DPX0528A CTS-DPX0528A Datasheet
176Kb / 2P
   Surface mount, silver (Ag) coated ceramic DUPlexer
KFF7118A CTS-KFF7118A Datasheet
92Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer
CER0335A CTS-CER0335A Datasheet
72Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer
CER0472A CTS-CER0472A Datasheet
96Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0496C CTS-CER0496C Datasheet
96Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0668A CTS-CER0668A Datasheet
93Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0237C CTS-CER0237C Datasheet
74Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0395A CTS-CER0395A Datasheet
309Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0439A CTS-CER0439A Datasheet
176Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
CER0613A CTS-CER0613A Datasheet
90Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer.
KFF6637C CTS-KFF6637C Datasheet
148Kb / 2P
   Surface mount, silver (Ag) coated ceramic duplexer
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com