Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3836K33QDBVRQ1 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS3836K33QDBVRQ1
Description  NANOPOWER SUPERVIDORY CIRCUITS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3836K33QDBVRQ1 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS3836K33QDBVRQ1 Datasheet HTML 2Page - Texas Instruments TPS3836K33QDBVRQ1 Datasheet HTML 3Page - Texas Instruments TPS3836K33QDBVRQ1 Datasheet HTML 4Page - Texas Instruments TPS3836K33QDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS3836K33QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS3836K33QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS3836K33QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS3836K33QDBVRQ1 Datasheet HTML 9Page - Texas Instruments TPS3836K33QDBVRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TPS3836E18-Q1 / J25-Q1 / H30-Q1 / L30-Q1 / K33-Q1
TPS3837E18-Q1 / J25-Q1 / L30-Q1 / K33-Q1, TPS3838E18-Q1 / J25-Q1 / L30-Q1 / K33-Q1
NANOPOWER SUPERVISORY CIRCUITS
SGLS141A − DECEMBER 2002 − REVISED JANUARY 2007
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
RESET
VDD = 3.3 V,
IOH = −2 mA
V
High level output voltage
RESET
(TPS3836)
VDD = 6 V,
IOH = −3 mA
0.8
×
V
VOH
High-level output voltage
RESET
VDD = 1.8 V,
IOH = −1 mA
0.8
×
VDD
V
RESET
(TPS3837)
VDD = 3.3 V,
IOL = −2 mA
RESET
VDD = 1.8 V,
IOL = 1 mA
V
Low level output voltage
RESET
(TPS3836/8)
VDD = 3.3 V,
IOL = 2 mA
04
V
VOL
Low-level output voltage
RESET
VDD = 3.3 V,
IOL = 2 mA
0.4
V
RESET
(TPS3837)
VDD = 6 V,
IOL = 3 mA
Power up reset voltage
TPS3836/8
VDD ≥ 1.1 V,
IOL = 50 µA
0.2
Power-up reset voltage
(see Note 2)
TPS3837
VDD ≥ 1.1 V,
IOH = −50 µA
0.8
×
VDD
V
TPS383xE18
1.64
1.71
1.76
Nti
i
it th
h ld
TPS383xJ25
2.16
2.25
2.30
VIT
Negative-going input threshold
voltage (see Note 3)
TPS383xH30
2.70
2.79
2.85
V
VIT
voltage (see Note 3)
TPS383xL30
2.54
2.64
2.71
V
TPS383xK33
2.82
2.93
3.10
1.7 V < VIT < 2.5 V
30
Vhys
Hysteresis at VDD input
2.5 V
< VIT < 3.5 V
40
mV
Vhys
Hysteresis at VDD input
3.5 V < VIT < 5 V
50
mV
IIH
High-level input current
MR
(see Note 4)
MR = 0.7
× VDD,
VDD = 6 V
−40
−60
−100
µA
IIH
High level input current
CT
CT = VDD = 6 V
−25
25
nA
IIL
Low-level input current
MR
(see Note 4)
MR = 0 V,
VDD = 6 V
−130
−200
−340
µA
IIL
Low level input current
CT
CT = 0 V,
VDD = 6 V
−25
25
nA
IOH
High-level output current
TPS3838
VDD = VIT + 0.2 V,
VOH = VDD
25
nA
VDD > VIT,
VDD < 3 V
220
500
nA
IDD
Supply current
VDD > VIT,
VDD > 3 V
250
550
nA
IDD
Supply current
VDD < VIT
10
25
µA
Internal pullup resistor at MR
30
k
CI
Input capacitance at MR, CT
VI = 0 V to VDD
5
pF
NOTES:
2. The lowest voltage at which RESET output becomes active. tr, VDD ≥ 15 µs/V
3. To ensure best stability of the threshold voltage, a bypass capacitor (ceramic, 0.1
µF) should be placed near the supply terminal.
4. If manual reset is unused, MR should be connected to VDD to minimize current consumption.


Numéro de pièce similaire - TPS3836K33QDBVRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3836K33QDBVRQ1 TI-TPS3836K33QDBVRQ1 Datasheet
230Kb / 13P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
More results

Description similaire - TPS3836K33QDBVRQ1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3836E18-Q1 TI-TPS3836E18-Q1 Datasheet
230Kb / 13P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
TPS3836 TI1-TPS3836 Datasheet
708Kb / 16P
[Old version datasheet]   NanoPower Supervisory Circuits
TPS3836E18 TI-TPS3836E18 Datasheet
173Kb / 11P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI1-TPS3836E18-EP_16 Datasheet
789Kb / 16P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI-TPS3836E18-EP Datasheet
400Kb / 15P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TLV3691 TI1-TLV3691_15 Datasheet
3Mb / 29P
[Old version datasheet]   Nanopower Comparator
logo
Advanced Analog Technol...
AAT3560 AAT-AAT3560 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analogic Techn...
AAT3560 ANALOGICTECH-AAT3560 Datasheet
272Kb / 8P
   NanoPower Voltage Detector
logo
Texas Instruments
LPV801 TI1-LPV801 Datasheet
771Kb / 24P
[Old version datasheet]   Nanopower Operational Amplifiers
LPV811 TI1-LPV811 Datasheet
251Kb / 12P
[Old version datasheet]   Nanopower Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com