Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALS574BDWR Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74ALS574BDWR
Description  OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS574BDWR Fiches technique(HTML) 4 Page - Texas Instruments

  SN74ALS574BDWR Datasheet HTML 1Page - Texas Instruments SN74ALS574BDWR Datasheet HTML 2Page - Texas Instruments SN74ALS574BDWR Datasheet HTML 3Page - Texas Instruments SN74ALS574BDWR Datasheet HTML 4Page - Texas Instruments SN74ALS574BDWR Datasheet HTML 5Page - Texas Instruments SN74ALS574BDWR Datasheet HTML 6Page - Texas Instruments SN74ALS574BDWR Datasheet HTML 7Page - Texas Instruments SN74ALS574BDWR Datasheet HTML 8Page - Texas Instruments SN74ALS574BDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
SN54ALS574B, SN54AS574, SN54AS575
SN74ALS574B, SN74ALS575A, SN74AS574, SN74AS575
OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SDAS165B – JUNE 1982 – REVISED JULY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS574B
SN74ALS574B
SN74ALS575A
UNIT
MIN
TYP†
MAX
MIN
TYP†
MAX
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.2
– 1.2
V
VCC = 4.5 V to 5.5 V,
IOH = – 0.4 mA
VCC –2
VCC –2
VOH
VCC =4 5V
IOH = – 1 mA
2.4
3.3
V
VCC = 4.5 V
IOH = – 2.6 mA
2.4
3.2
VOL
VCC =4 5V
IOL = 12 mA
0.25
0.4
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
IOZH
VCC = 5.5 V,
VO = 2.7 V
20
20
µA
IOZL
VCC = 5.5 V,
VO = 0.4 V
–20
–20
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
– 0.2
– 0.2
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
–20
–112
–30
–112
mA
Outputs high
11
18
11
18
′ALS574B
VCC = 5.5 V
Outputs low
17
27
17
27
ICC
Outputs disabled
17
28
17
28
mA
ICC
Outputs high
10
17
10
17
mA
SN74ALS575A
VCC = 5.5 V
Outputs low
15
24
15
24
Outputs disabled
16
30
16
30
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
,
R2 = 500
,
TA = MIN to MAX§
UNIT
SN54ALS574B
SN74ALS574B
SN74ALS575A
MIN
MAX
MIN
MAX
MIN
MAX
fmax
28
35
30
MHz
tPLH
CLK
Q
4
22
3
14
4
14
ns
tPHL
CLK
Q
4
17
4
14
4
14
ns
tPZH
OE
Q
4
21
3
18
4
18
ns
tPZL
OE
Q
4
26
4
18
4
18
ns
tPHZ
OE
Q
2
16
1
10
2
10
ns
tPLZ
OE
Q
2
25
2
12
3
13
ns
§ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Numéro de pièce similaire - SN74ALS574BDWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALS574BDW TI-SN74ALS574BDW Datasheet
129Kb / 8P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Description similaire - SN74ALS574BDWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54AHC374 TI-SN54AHC374 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT564 TI-SN54ACT564 Datasheet
110Kb / 6P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A Datasheet
125Kb / 9P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS534A TI-SN54ALS534A Datasheet
114Kb / 7P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54LVC574A TI-SN54LVC574A Datasheet
914Kb / 25P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_08 Datasheet
718Kb / 18P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHC574 TI-SN54AHC574 Datasheet
112Kb / 8P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT374 TI-SN54ACT374_02 Datasheet
276Kb / 14P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54HC574 TI-SN54HC574_07 Datasheet
674Kb / 18P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS374A TI-SN54ALS374A_08 Datasheet
722Kb / 20P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SNJ54AS574B TI1-SNJ54AS574B Datasheet
1Mb / 25P
[Old version datasheet]   OCTAL D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com