Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3836L30-Q1 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TPS3836L30-Q1
Description  NANOPOWER SUPERVIDORY CIRCUITS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3836L30-Q1 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS3836L30-Q1 Datasheet HTML 1Page - Texas Instruments TPS3836L30-Q1 Datasheet HTML 2Page - Texas Instruments TPS3836L30-Q1 Datasheet HTML 3Page - Texas Instruments TPS3836L30-Q1 Datasheet HTML 4Page - Texas Instruments TPS3836L30-Q1 Datasheet HTML 5Page - Texas Instruments TPS3836L30-Q1 Datasheet HTML 6Page - Texas Instruments TPS3836L30-Q1 Datasheet HTML 7Page - Texas Instruments TPS3836L30-Q1 Datasheet HTML 8Page - Texas Instruments TPS3836L30-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TPS3836E18-Q1 / J25-Q1 / H30-Q1 / L30-Q1 / K33-Q1
TPS3837E18-Q1 / J25-Q1 / L30-Q1 / K33-Q1, TPS3838E18-Q1 / J25-Q1 / L30-Q1 / K33-Q1
NANOPOWER SUPERVISORY CIRCUITS
SGLS141A − DECEMBER 2002 − REVISED JANUARY 2007
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D Customer-Specific Configuration Control
Can Be Supported Along With
Major-Change Approval
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Supply Current of 220 nA (Typ)
D Precision Supply Voltage Supervision
Range: 1.8 V, 2.5 V, 3.0 V, 3.3 V
D Power-On Reset Generator With Selectable
Delay Time of 10 ms or 200 ms
D Push/Pull RESET Output (TPS3836),
RESET Output (TPS3837), or
Open-Drain RESET Output (TPS3838)
D Manual Reset
D 5-Pin SOT-23 Package
D Temperature Range: −40°C to 125°C
D Applications Include
− Applications Using Automotive
Low-Power DSPs, Microcontrollers, or
Microprocessors
− Battery-Powered Equipment
− Intelligent Instruments
− Wireless Communication Systems
− Automotive Systems
description
The TPS3836, TPS3837, TPS3838 families of
supervisory circuits provide circuit initialization
and timing supervision, primarily for DSP and
processor-based systems.
During power on, RESET is asserted when the supply voltage VDD becomes higher than 1.1 V. Thereafter, the
supervisory circuit monitors VDD and keeps RESET output active as long as VDD remains below the threshold
voltage VIT. An internal timer delays the return of the output to the inactive state (high) to ensure proper system
reset. The delay time starts after VDD has risen above the threshold voltage VIT.
When CT is connected to GND a fixed delay time of typical 10 ms is asserted. When connected to VDD the delay
time is typically 200 ms.
When the supply voltage drops below the threshold voltage VIT, the output becomes active (low) again.
All the devices of this family have a fixed-sense threshold voltage VIT set by an internal voltage divider.
The TPS3836 has an active-low push-pull RESET output. The TPS3837 has active-high push-pull RESET, and
TPS3838 integrates an active-low open-drain RESET output.
Copyright
 2007, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
3
2
4
5
(TOP VIEW)
1
CT
GND
MR
VDD
RESET
TPS3836, TPS3838
DBV PACKAGE
3
2
4
5
(TOP VIEW)
1
CT
GND
MR
VDD
RESET
TPS3837
DBV PACKAGE


Numéro de pièce similaire - TPS3836L30-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3836L30-Q1 TI-TPS3836L30-Q1 Datasheet
230Kb / 13P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
More results

Description similaire - TPS3836L30-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3836E18-Q1 TI-TPS3836E18-Q1 Datasheet
230Kb / 13P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
TPS3836 TI1-TPS3836 Datasheet
708Kb / 16P
[Old version datasheet]   NanoPower Supervisory Circuits
TPS3836E18 TI-TPS3836E18 Datasheet
173Kb / 11P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI1-TPS3836E18-EP_16 Datasheet
789Kb / 16P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI-TPS3836E18-EP Datasheet
400Kb / 15P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TLV3691 TI1-TLV3691_15 Datasheet
3Mb / 29P
[Old version datasheet]   Nanopower Comparator
logo
Advanced Analog Technol...
AAT3560 AAT-AAT3560 Datasheet
93Kb / 8P
   NanoPower??Voltage Detector
logo
Advanced Analogic Techn...
AAT3560 ANALOGICTECH-AAT3560 Datasheet
272Kb / 8P
   NanoPower Voltage Detector
logo
Texas Instruments
LPV801 TI1-LPV801 Datasheet
771Kb / 24P
[Old version datasheet]   Nanopower Operational Amplifiers
LPV811 TI1-LPV811 Datasheet
251Kb / 12P
[Old version datasheet]   Nanopower Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com