Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LF06P2-W4F-860-P Datasheet(Fiches technique) 1 Page - OSRAM GmbH

Numéro de pièce LF06P2-W4F-860-P
Description  LINEARlight POWER Flex
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LF06P2-W4F-860-P Datasheet(HTML) 1 Page - OSRAM GmbH

  LF06P2-W4F-860-P Datasheet HTML 1Page - OSRAM GmbH LF06P2-W4F-860-P Datenblatt HTML 2Page - OSRAM GmbH LF06P2-W4F-860-P Datenblatt HTML 3Page - OSRAM GmbH LF06P2-W4F-860-P Datenblatt HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.osram.com/flex
Due to the special conditions of manufacturing processes of LED, the typical data of technical parameters can only reflect statistical figures and do not necessarily
correspond to the actual parameters of each single product which could differ from the typical data.
Subject to change without notice. Errors and omissions excepted. Version: 2016-07-12
LINEARlight POWER Flex® Protect G2.1 (2016) – LF06P2-P
1/4
LINEARlight POWER Flex® Protect G2.1 (2016) – LF06P2-P
Technical Datasheet
Benefits
For outdoor use  IP67
High performance silicone:
extreme long life time: 50.000 h
high flexibility
Premounted feeder for easy connection
NEW: Slimmer Design
-
Reduced height: 3.7 mm
-
Elegant white appearance
-
Electronic components hidden
NEW: Shorter pitch compared to prior generation
Applications
General Lighting
Ships and boats, wall integration
Machine lighting
Path illumination, illuminated signs
Architectural lighting
Quick reference
Product
Order Code
Color
K
W/m
lm/m
lm/W
Shipping Units
LF06P2-W4F-830-P
4052899400030.
white
3000
15.5
1250
81
8
LF06P2-W4F-835-P
4052899372771
white
3500
14.0
1350
96
8
LF06P2-W4F-840-P
4052899372795
white
4000
14.0
1400
100
8
LF06P2-W4F-860-P
4052899372818
white
6000
14.0
1400
100
8
LF06P2-W4F-890-P
4052899372832
white
10,000
15.5
1400
90
8
Technical features
Protection Type
IP 67 (outdoor use)
High performance Silicone
High UV-resistancy
Saltmist proof
Dimmable
Pulse width modulation (PWM)
Binning
Fine white
Lifetime
50,000 h
Adhesive tape on backside
Tesa (High Performance Tape)
Fulfilled standards/tests
Flammability: Glow-wire test with 850°
– EN60598-1
Mixed gas corrosion test
– IEC60068-2-60
Complementary systems
CONNECTsystem IP67 LP, SLIMCONNECTsystem (IP54),
SLIM TRACK, OPTOTRONIC
150
25
11
3.7
5,100
all dimensions in mm


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn