Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ALS580B Fiches technique(PDF) 7 Page - Texas Instruments |
|
|
SN74ALS580B Fiches technique(HTML) 7 Page - Texas Instruments |
7 / 18 page PACKAGE OPTION ADDENDUM www.ti.com 24-Aug-2014 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 84012022A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 84012022A SNJ54ALS 580BFK 8401202RA ACTIVE CDIP J 20 1 TBD A42 N / A for Pkg Type -55 to 125 8401202RA SNJ54ALS580BJ 8401202SA ACTIVE CFP W 20 1 TBD A42 N / A for Pkg Type -55 to 125 8401202SA SNJ54ALS580BW SN54ALS580BJ ACTIVE CDIP J 20 1 TBD A42 N / A for Pkg Type -55 to 125 SN54ALS580BJ SN74ALS580BDWR ACTIVE SOIC DW 20 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS580B SN74ALS580BN ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74ALS580BN SN74ALS580BN3 OBSOLETE PDIP N 20 TBD Call TI Call TI 0 to 70 SN74AS580DW OBSOLETE SOIC DW 20 TBD Call TI Call TI 0 to 70 SN74AS580DWR OBSOLETE SOIC DW 20 TBD Call TI Call TI 0 to 70 SN74AS580N OBSOLETE PDIP N 20 TBD Call TI Call TI 0 to 70 SNJ54ALS580BFK ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 84012022A SNJ54ALS 580BFK SNJ54ALS580BJ ACTIVE CDIP J 20 1 TBD A42 N / A for Pkg Type -55 to 125 8401202RA SNJ54ALS580BJ SNJ54ALS580BW ACTIVE CFP W 20 1 TBD A42 N / A for Pkg Type -55 to 125 8401202SA SNJ54ALS580BW (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. TBD: The Pb-Free/Green conversion plan has not been defined. |
Numéro de pièce similaire - SN74ALS580B |
|
Description similaire - SN74ALS580B |