Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AC11379 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce 74AC11379
Description  QUAD D- TYPE FLIP FLOP WITH DATA ENABLE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74AC11379 Fiches technique(HTML) 6 Page - Texas Instruments

  74AC11379_10 Datasheet HTML 1Page - Texas Instruments 74AC11379_10 Datasheet HTML 2Page - Texas Instruments 74AC11379_10 Datasheet HTML 3Page - Texas Instruments 74AC11379_10 Datasheet HTML 4Page - Texas Instruments 74AC11379_10 Datasheet HTML 5Page - Texas Instruments 74AC11379_10 Datasheet HTML 6Page - Texas Instruments 74AC11379_10 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
74AC11379DW
OBSOLETE
SOIC
DW
20
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
24-Jun-2005
Addendum-Page 1


Numéro de pièce similaire - 74AC11379_10

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AC11379D PHILIPS-74AC11379D Datasheet
230Kb / 8P
   QUAD D- TYPE FLIP FLOP WITH DATA ENABLE
October 1990
74AC11379DW PHILIPS-74AC11379DW Datasheet
230Kb / 8P
   QUAD D- TYPE FLIP FLOP WITH DATA ENABLE
October 1990
74AC11379N PHILIPS-74AC11379N Datasheet
230Kb / 8P
   QUAD D- TYPE FLIP FLOP WITH DATA ENABLE
October 1990
More results

Description similaire - 74AC11379_10

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AC11379 PHILIPS-74AC11379 Datasheet
230Kb / 8P
   QUAD D- TYPE FLIP FLOP WITH DATA ENABLE
October 1990
logo
Texas Instruments
74ACT11379 TI1-74ACT11379 Datasheet
98Kb / 6P
[Old version datasheet]   QUAD D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
   OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
logo
NXP Semiconductors
74AC11377 PHILIPS-74AC11377 Datasheet
177Kb / 7P
   OCTAL D TYPE FLIP FLOP WITH ENABLE
July 30 1990
74ABT377A PHILIPS-74ABT377A Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
74F377A PHILIPS-74F377A Datasheet
84Kb / 10P
   Octal D-type flip-flop with enable
1996 Mar 12
logo
Texas Instruments
74AC11377 TI1-74AC11377_10 Datasheet
107Kb / 8P
[Old version datasheet]   OCTAL D TYPE FLIP FLOP WITH ENABLE
logo
NXP Semiconductors
74AHC377 PHILIPS-74AHC377 Datasheet
101Kb / 20P
   Octal D-type flip-flop with data enable; positive-edge trigger
2000 Aug 15
logo
Nexperia B.V. All right...
74AHCT377 NEXPERIA-74AHCT377 Datasheet
601Kb / 16P
   Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 02 - 12 June 2008
logo
NXP Semiconductors
74LV377 PHILIPS-74LV377 Datasheet
114Kb / 12P
   Octal D-type flip-flop with data enable; positive edge-trigger
1998 Jun 10
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com