Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SC1252 Datasheet(Fiches technique) 1 Page - Advanced Semiconductor

Numéro de pièce 2SC1252
Description  2SC1252
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ASI [Advanced Semiconductor]
Site Internet  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

2SC1252 Datasheet(HTML) 1 Page - Advanced Semiconductor

  2SC1252 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
BVCEO
IC = 5.0 mA
25
V
BVCBO
IC = 100
µA
45
V
ICBO
VCE = 30 V
100
nA
IEBO
VEB = 2.0 V
500
nA
hFE
VCE = 10 V
IC = 50 mA
20
200
---
ft
VCE = 15 V
IC = 15 mA
f = 200 MHz
VCE = 15 V
IC = 70 mA
1200
1400
MHz
COB
VCB = 15 V
f = 1.0 MHz
3.0
pF
GPE
VCE = 15 V
IC = 50 mA
f = 200 MHz
15
17
dB
NF
VCE = 15 V
IC = 30 mA
f = 200 MHz
3.0
4.0
dB
NPN SILICON HIGH FREQUENCY TRANSISTOR
2SC1252
DESCRIPTION:
The
2SC1252 is a High Frequency
Transistor, Designed for Wide Band
Amplifier Applications up to 500 MHz.
FEATURES INCLUDE:
• High Gain -17 dB Typ. @ 200 MHz
• Low NF - 3.0 dB Typ. @ 200 MHz
• Hermetic TO-39 Package
MAXIMUM RATINGS
IC
400 mA
VCB
45 V
VCE
25 V
PDISS
5 W @ TC = 25 °C
TJ
-65 to +200 °C
TSTG
-65 to +200 °C
θθθθ
JC
35 °C/W
PACKAGE STYLE TO-39
1 = Emitter
2 = Base
3 & 4 = Collector (Case)


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn