Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC10464 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce ADC10464
Description  10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10464 Fiches technique(HTML) 4 Page - Texas Instruments

  ADC10464 Datasheet HTML 1Page - Texas Instruments ADC10464 Datasheet HTML 2Page - Texas Instruments ADC10464 Datasheet HTML 3Page - Texas Instruments ADC10464 Datasheet HTML 4Page - Texas Instruments ADC10464 Datasheet HTML 5Page - Texas Instruments ADC10464 Datasheet HTML 6Page - Texas Instruments ADC10464 Datasheet HTML 7Page - Texas Instruments ADC10464 Datasheet HTML 8Page - Texas Instruments ADC10464 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ADC10461, ADC10462, ADC10464
SNAS074E – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Converter Characteristics
The following specifications apply for V
+ = +5V, V
REF(+) = +5V, VREF(
−) = GND, and Speed Adjust pin unconnected unless
otherwise specified. Boldface limits apply for TA = TJ = TMin to TMax; all other limits TA = TJ = +25°C.
Units
Symbol
Parameter
Conditions
Typical(1)
Limit(2)
(Limit)
Resolution
10
Bits
Integral Linearity Error
RSA ≥ 18 kΩ
±0.5
LSB
Offset Error
±1.5
LSB (max)
Full-Scale Error
±1
LSB (max)
Total Unadjusted Error
RSA ≥ 18 kΩ
±0.5
LSB
Missing Codes
0
(max)
V+ = 5V ±5%, VREF = 4.5V
±1/16
LSB
Power Supply Sensitivity
V+ = 5V ±10%, VREF = 4.5V
±
LSB
fIN = 1 kHz, 4.85 VP-P
−68
dB
fIN = 50 kHz, 4.85 VP-P
−66
dB (max)
THD
Total Harmonic Distortion
fIN = 100 kHz, 4.85 VP-P
−62
−60
dB
fIN = 240 kHz, 4.85 VP-P
−58
dB
fIN = 1 kHz, 4.`85 VP-P
61
dB
SNR
Signal-to-Noise Ratio
fIN = 50 kHz, 4.85 VP-P
60
58
dB (min)
fIN = 100 kHz, 4.85 VP-P
60
dB
fIN = 1 kHz, 4.85 VP-P
9.6
Bits
ENOB
Effective Number of Bits
fIN = 50 kHz, 4.85 VP-P
9.5
9
Bits (min)
RREF
Reference Resistance
650
400
Ω (min)
RREF
Reference Resistance
650
900
Ω (max)
VREF(+)
VREF(+) Input Voltage
V+ + 0.05
V (max)
VREF(−)
VREF(−) Input Voltage
GND
− 0.05
V (min)
VREF(+)
VREF(+) Input Voltage
VREF(−)
V (min)
VREF(−)
VREF(−) Input Voltage
VREF(+)
V (max)
VIN
Input Voltage
V+ + 0.05
V (max)
VIN
Input Voltage
GND
− 0.05
V (min)
OFF Channel Input Leakage Current
CS = V+, VIN = V
+
0.01
3
µA (max)
ON Channel Input Leakage Current
CS = V+, VIN = V
+
±1
−3
µA (max)
(1)
Typical figures represent most likely parametric norm.
(2)
Limits are specified to TI's AOQL (Average Outgoing Quality Level).
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC10461 ADC10462 ADC10464


Numéro de pièce similaire - ADC10464

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC10464 NSC-ADC10464 Datasheet
757Kb / 17P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10464 TI1-ADC10464 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10464CIWM NSC-ADC10464CIWM Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10464CIWM NSC-ADC10464CIWM Datasheet
757Kb / 17P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10464CIWMX NSC-ADC10464CIWMX Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
More results

Description similaire - ADC10464

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10461 TI1-ADC10461_14 Datasheet
1Mb / 24P
[Old version datasheet]   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
National Semiconductor ...
ADC10061 NSC-ADC10061 Datasheet
333Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10064 NSC-ADC10064 Datasheet
342Kb / 14P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10461 NSC-ADC10461_06 Datasheet
757Kb / 17P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 NSC-ADC10662 Datasheet
274Kb / 14P
   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Texas Instruments
ADC10662 TI1-ADC10662_15 Datasheet
1,010Kb / 22P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10662 TI1-ADC10662_14 Datasheet
1,008Kb / 23P
[Old version datasheet]   10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10664CIWMX TI1-ADC10664CIWMX Datasheet
974Kb / 22P
[Old version datasheet]   ADC10662/ADC10664 10-Bit 360 ns A/D Converter with Input Multiplexer and Sample/Hold
ADC10061 TI1-ADC10061_14 Datasheet
1Mb / 23P
[Old version datasheet]   ADC10061/ADC10062/ADC10064 10-Bit 600 ns A/D Converter with Input Multiplexer and Sample
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com