Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC1175-50 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADC1175-50
Description  8-Bit, 50 MSPS, 125 mW A/D Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC1175-50 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button ADC1175-50 Datasheet HTML 2Page - Texas Instruments ADC1175-50 Datasheet HTML 3Page - Texas Instruments ADC1175-50 Datasheet HTML 4Page - Texas Instruments ADC1175-50 Datasheet HTML 5Page - Texas Instruments ADC1175-50 Datasheet HTML 6Page - Texas Instruments ADC1175-50 Datasheet HTML 7Page - Texas Instruments ADC1175-50 Datasheet HTML 8Page - Texas Instruments ADC1175-50 Datasheet HTML 9Page - Texas Instruments ADC1175-50 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
ADC1175-50
SNAS027G – JANUARY 2000 – REVISED APRIL 2013
www.ti.com
CONVERTER ELECTRICAL CHARACTERISTICS
The following specifications apply for AVDD = DVDD = +5.0 VDC, PD = 0V, VRT = +2.6V, VRB = 0.6V, CL = 20 pF, fCLK = 50 MHz
at 50% duty cycle. Boldface limits apply for TA = TMIN to TMAX; all other limits TA = 25°C
(1) (2).
Units
Symbol
Parameter
Conditions
Typical(3)
Limits(3)
(Limits)
DC ACCURACY
INL
Integral Non Linearity Error
VIN = 0.6V to 2.6V
±0.8
±1.95
LSB (max)
+0.7
+1.75
LSB (max)
DNL
Differential Non-Linearity
VIN = 0.6V to 2.6V
−0.7
−1.0
LSB (min)
Resolution for No Missing
8
Bits
Codes
EOT
Top Offset Voltage
−12
mV
EOB
Bottom Offset Voltage
+10
mV
VIDEO ACCURACY
DP
Differential Phase Error
fIN = 4.43 MHz Modulated Ramp
0.5
deg
DG
Differential Gain Error
fIN = 4.43 MHz Modulated Ramp
1.0
%
ANALOG INPUT AND REFERENCE CHARACTERISTIC
VRB
V (min)
VIN
Input Range
2.0
VRT
V (max)
(CLK LOW)
4
pF
VIN = 1.5V
CIN
VIN Input Capacitance
+0.7 Vrms
(CLK HIGH)
7
pF
RIN
RIN Input Resistance
>1
M
BW
Full Power Bandwidth
120
MHz
RRT
Top Reference Resistor
320
200
Ω (min)
RREF
Reference Ladder Resistance
VRT to VRB
270
350
Ω (max)
RRB
Bottom Reference Resistor
80
5.4
mA (min)
VRT = VRTS, VRB = VRBS
7
10.8
mA (max)
IREF
Reference Ladder Current
6.1
mA (min)
VRT = VRTS, VRB = AVSS
8
12.3
mA (max)
Reference Top Self Bias
VRT Connected to VRTS,
V (min)
VRT
2.6
Voltage
VRB Connected to VRBS
V (max)
Reference Bottom Self Bias
VRT Connected to VRTS,
0.55
V (min)
VRB
0.6
Voltage
VRB Connected to VRBS
0.70
V (max)
(1)
The analog inputs are protected as shown below. Input voltage magnitudes up to 6.5V or 500 mV below GND will not damage this
device. However, errors in the A/D conversion can occur if the input goes above VDD or below GND by more than 50 mV. As an
example, if AVDD is 4.75 VDC, the full-scale input voltage must be ≤4.80 VDC to ensure accurate conversions.
spacer
(2)
To ensure accuracy, it is required that AVDD and DVDD be well bypassed. Each VDD pin must be decoupled with separate bypass
capacitors.
(3)
Typical figures are at TJ = 25°C, and represent most likely parametric norms. Test limits are ensured to TI's AOQL (Average Outgoing
Quality Level).
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC1175-50


Numéro de pièce similaire - ADC1175-50

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC1175-50 NSC-ADC1175-50 Datasheet
422Kb / 19P
   8-Bit, 50 MSPS, 125 mW A/D Converter
ADC1175-50 NSC-ADC1175-50 Datasheet
403Kb / 20P
   8-Bit, 50 MSPS, 125 mW A/D Converter
logo
Texas Instruments
ADC1175-50 TI-ADC1175-50 Datasheet
1Mb / 26P
[Old version datasheet]   ADC1175-50 8-Bit, 50 MSPS, 125 mW A/D Converter
JANUARY 2000-REVISED APRIL 2013
logo
National Semiconductor ...
ADC1175-50CIJM NSC-ADC1175-50CIJM Datasheet
422Kb / 19P
   8-Bit, 50 MSPS, 125 mW A/D Converter
ADC1175-50CIJM NSC-ADC1175-50CIJM Datasheet
403Kb / 20P
   8-Bit, 50 MSPS, 125 mW A/D Converter
More results

Description similaire - ADC1175-50

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC1175-50 NSC-ADC1175-50 Datasheet
422Kb / 19P
   8-Bit, 50 MSPS, 125 mW A/D Converter
ADC1175-50 NSC-ADC1175-50_07 Datasheet
403Kb / 20P
   8-Bit, 50 MSPS, 125 mW A/D Converter
logo
Texas Instruments
ADC1175-50CIMTX TI-ADC1175-50CIMTX Datasheet
1Mb / 26P
[Old version datasheet]   ADC1175-50 8-Bit, 50 MSPS, 125 mW A/D Converter
JANUARY 2000-REVISED APRIL 2013
logo
Intersil Corporation
HI1396 INTERSIL-HI1396 Datasheet
86Kb / 10P
   8-Bit, 125 MSPS, Flash A/D Converter
August 1997
HI1396Y INTERSIL-HI1396Y Datasheet
424Kb / 8P
   8-Bit, 125 MSPS Flash A/D Converter
April 1995
logo
Sony Corporation
CXA1396D SONY-CXA1396D Datasheet
377Kb / 22P
   8-bit 125 MSPS Flash A/D Converter
logo
Intersil Corporation
HI1396 INTERSIL-HI1396_00 Datasheet
674Kb / 10P
   8-Bit, 125 MSPS, Flash A/D Converter
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7734 FAIRCHILD-SPT7734 Datasheet
86Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
logo
National Semiconductor ...
ADC08351 NSC-ADC08351 Datasheet
492Kb / 15P
   8-Bit, 42 MSPS, 40 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com