Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC101S051Q Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce ADC101S051Q
Description  Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC101S051Q Fiches technique(HTML) 1 Page - Texas Instruments

  ADC101S051Q Datasheet HTML 1Page - Texas Instruments ADC101S051Q Datasheet HTML 2Page - Texas Instruments ADC101S051Q Datasheet HTML 3Page - Texas Instruments ADC101S051Q Datasheet HTML 4Page - Texas Instruments ADC101S051Q Datasheet HTML 5Page - Texas Instruments ADC101S051Q Datasheet HTML 6Page - Texas Instruments ADC101S051Q Datasheet HTML 7Page - Texas Instruments ADC101S051Q Datasheet HTML 8Page - Texas Instruments ADC101S051Q Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
2
3
4
5
6
VA
CS
GND
SDATA
VIN
SCLK
ADC101S051
ADC101S051
www.ti.com
SNAS303I – JULY 2005 – REVISED JANUARY 2014
ADC101S051/ADC101S051Q Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
Check for Samples: ADC101S051
1
FEATURES
DESCRIPTION
The ADC101S051 is a low-power, single channel
2
Specified Over a Range of Sample Rates.
CMOS 10-bit analog-to-digital converter with a high-
6-lead WSON and SOT-23 Packages
speed
serial
interface.
Unlike
the
conventional
Variable Power Management
practice of specifying performance at a single sample
rate only, the ADC101S051 is fully specified over a
Single Power Supply with 2.7V - 5.25V Range
sample rate range of 200 ksps to 500 ksps. The
SPI™/QSPI™/MICROWIRE/DSP Compatible
converter is based upon a successive-approximation
AECQ100 Grade 1 Qualified
register architecture with an internal track-and-hold
circuit.
APPLICATIONS
The output serial data is straight binary, and is
Portable Systems
compatible with several standards, such as SPI™,
QSPI™, MICROWIRE, and many common DSP
Remote Data Acquisition
serial interfaces.
Instrumentation and Control Systems
The ADC101S051 operates with a single supply that
Automotive
can range from +2.7V to +5.25V. Normal power
consumption using a +3.6V or +5.25V supply is 2.7
KEY SPECIFICATIONS
mW and 9.7 mW, respectively. The power-down
DNL: +0.15 / -0.11 LSB (typ)
feature reduces the power consumption to as low as
2.6 µW using a +5.25V supply.
INL: +0.15 / -0.09 LSB (typ)
The ADC101S051 is packaged in 6-lead WSON and
SNR: 61.6 dB (typ)
SOT-23 packages. Operation is specified over the
Power Consumption
temperature range of
−40°C to +85°C for the
3.6V Supply: 2.7 mW (typ)
ADC101S051
and
−40°C
to
+125°C
for
the
5.25V Supply: 9.7 mW (typ)
ADC101S051Q.
Table 1. Pin Compatible Alternatives by Resolution and Speed(1)
Specified for Sample Rate Range of:
Resolution
50 to 200 ksps
200 to 500 ksps
500 ksps to 1 Msps
12-bit
ADC121S021
ADC121S051
ADC121S101
10-bit
ADC101S021
ADC101S051
ADC101S101
8-bit
ADC081S021
ADC081S051
ADC081S101
(1)
All devices are fully pin and function compatible.
Connection Diagram
Figure 1. WSON and SOT-23 Packages
See Package Numbers NGF0006A and DBV0006A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2014, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - ADC101S051Q

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC101S051QIMF/NOPB TI1-ADC101S051QIMF/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
ADC101S051QIMFX/NOPB TI1-ADC101S051QIMFX/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
More results

Description similaire - ADC101S051Q

FabricantNo de pièceFiches techniqueDescription
logo
TEXAS ADVANCED OPTOELEC...
ADC101S051 TAOS-ADC101S051 Datasheet
724Kb / 16P
   Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
logo
Texas Instruments
ADC101S051CIMF TI1-ADC101S051CIMF Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC108S052 NSC-ADC108S052 Datasheet
839Kb / 17P
   8-Channel, 200 kSPS to 500 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC108S052 TI1-ADC108S052 Datasheet
1Mb / 27P
[Old version datasheet]   8-Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC102S051 TI1-ADC102S051_15 Datasheet
1Mb / 29P
[Old version datasheet]   2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC104S051CIMM TI1-ADC104S051CIMM Datasheet
1Mb / 25P
[Old version datasheet]   ADC104S051 4 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC102S051 TI1-ADC102S051_14 Datasheet
1Mb / 28P
[Old version datasheet]   ADC102S051 2 Channel, 200 ksps to 500 ksps, 10-Bit A/D Converter
ADC121S051 TI1-ADC121S051_15 Datasheet
1Mb / 24P
[Old version datasheet]   Single Channel, 200 to 500 ksps, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com