Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC10D020CIVSX Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce ADC10D020CIVSX
Description  ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D020CIVSX Fiches technique(HTML) 10 Page - Texas Instruments

Back Button ADC10D020CIVSX Datasheet HTML 6Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 7Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 8Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 9Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 10Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 11Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 12Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 13Page - Texas Instruments ADC10D020CIVSX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
ADC10D020
SNAS143D – SEPTEMBER 2001 – REVISED MARCH 2013
www.ti.com
Timing Diagrams
Figure 3. ADC10D020 Timing Diagram for Multiplexed Mode
Figure 4. ADC10D020 Timing Diagram for Parallel Mode
10
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: ADC10D020


Numéro de pièce similaire - ADC10D020CIVSX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC10D020CIVSX TI1-ADC10D020CIVSX Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
More results

Description similaire - ADC10D020CIVSX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC10D020 TI1-ADC10D020_14 Datasheet
1Mb / 40P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC10D020 NSC-ADC10D020 Datasheet
767Kb / 32P
   Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7852 CADEKA-SPT7852 Datasheet
175Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD876JST AD-AD876JST Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com