Moteur de recherche de fiches techniques de composants électroniques |
|
74AC11160 Fiches technique(PDF) 6 Page - Texas Instruments |
|
74AC11160 Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 10 page 74AC11160 SYNCHRONOUS 4BIT DECADE COUNTER SCAS380 −D3199, AUGUST 1988 − REVISED APRIL 1993 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 6 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS VCC TA = 25 °C MIN MAX UNIT PARAMETER TEST CONDITIONS VCC MIN TYP MAX MIN MAX UNIT 3 V 2.9 2.9 IOH = − 50 µA 4.5 V 4.4 4.4 IOH = − 50 µA 5.5 V 5.4 5.4 VOH IOH = − 4 mA 3 V 2.58 2.48 V VOH IOL = − 24 mA 4.5 V 3.94 3.8 V IOL = − 24 mA 5.5 V 4.94 4.8 IOH = − 75 mA† 5.5 V 3.85 3 V 0.1 0.1 IOL = 50 µA 4.5 V 0.1 0.1 IOL = 50 µA 5.5 V 0.1 0.1 VOL IOL = 12 mA 3 V 0.36 0.44 V VOL IOL = 24 mA 4.5 V 0.36 0.44 V IOL = 24 mA 5.5 V 0.36 0.44 IOL = 75 mA† 5.5 V 1.65 II VI = VCC or GND 5.5 V ±0.1 ±1 µA ICC VI = VCC or GND, IO = 0 5.5 V 8 80 µA Ci VI = VCC or GND 5 V 3.5 pF † Not more than one output should be tested at a time, and the duration of the test should not exceed 10 ms. timing requirements, VCC = 3.3 V ± 0.3 V (see Figure 1) TA = 25°C MIN MAX UNIT MIN MAX MIN MAX UNIT fclock Clock frequency 0 66 0 66 MHz tw Pulse duration CLK low or high 7.5 7.5 ns tw Pulse duration CLR low 6 6 ns A, B, C, D 6.5 6.5 tsu Setup time before CLK ↑ LOAD 6.5 6.5 ns tsu Setup time before CLK ↑ ENT, ENP 6 6 ns CLR inactive 6 6 th Hold time after CLK ↑ 1 1 ns timing requirements, VCC = 5 V ± 0.5 V (see Figure 1) TA = 25°C MIN MAX UNIT MIN MAX MIN MAX UNIT fclock Clock frequency 0 110 0 110 MHz tw Pulse duration CLK low or high 4.5 4.5 ns tw Pulse duration CLR low 4.5 4.5 ns A, B, C, D 3.5 3.5 ns tsu Setup time before CLK ↑ LOAD 6.5 6.5 ns tsu Setup time before CLK ↑ ENT, ENP 4.5 4.5 ns CLR inactive 6 6 ns th Hold time after CLK ↑ 1 1 ns |
Numéro de pièce similaire - 74AC11160 |
|
Description similaire - 74AC11160 |