Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA0684 Fiches technique(PDF) 1 Page - Panasonic Semiconductor

No de pièce 2SA0684
Description  Silicon PNP epitaxial planar type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA0684 Fiches technique(HTML) 1 Page - Panasonic Semiconductor

  2SA0684 Datasheet HTML 1Page - Panasonic Semiconductor 2SA0684 Datasheet HTML 2Page - Panasonic Semiconductor 2SA0684 Datasheet HTML 3Page - Panasonic Semiconductor 2SA0684 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Transistors
1
Publication date: February 2004
SJC00001CED
2SA0683 (2SA683), 2SA0684 (2SA684)
Silicon PNP epitaxial planar type
For low-frequency power amplification and driver amplification
Complementary to 2SC1383, 2SC1384
■ Features
• Allowing supply with the radial taping
■ Absolute Maximum Ratings T
a
= 25°C
■ Electrical Characteristics T
a
= 25°C ± 3°C
5.9±0.2
0.7±0.1
4.9±0.2
2.54±0.15
(1.27)
(1.27)
0.45
+0.2
–0.1
0.45
+0.2
–0.1
13
2
Unit: mm
1: Emitter
2: Collector
3: Base
EIAJ: SC-51
TO-92L-A1 Package
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors.
2. *1: Pulse measurement
*2: Rank classification
Rank
Q
R
S
hFE
85 to 170
120 to 240
170 to 340
Parameter
Symbol
Rating
Unit
Collector-base voltage
2SA0683
VCBO
−30
V
(Emitter open)
2SA0684
−60
Collector-emitter voltage 2SA0683
VCEO
−25
V
(Base open)
2SA0684
−50
Emitter-base voltage (Collector open)
VEBO
−5V
Collector current
IC
−1A
Peak collector current
ICP
−1.5
A
Collector power dissipation
PC
1W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Collector-base voltage
2SA0683
VCBO
IC = −10 µA, IE = 0
−30
V
(Emitter open)
2SA0684
−60
Collector-emitter voltage
2SA0683
VCEO
IC
= −2 mA, I
B
= 0
−25
V
(Base open)
2SA0684
−50
Emitter-base voltage (Collector open)
VEBO
IE = −10 µA, IC = 0
−5V
Collector-base cutoff current (Emitter open)
ICBO
VCB
= −20 V, I
E
= 0
− 0.1
µA
Forward current transfer ratio *
1
hFE1 *
2
VCE = −10 V, IC = −500 mA
85
340
hFE2
VCE = −5 V, IC = −1 A
50
Collector-emitter saturation voltage
VCE(sat)
IC
= −500 mA, I
B
= −50 mA
− 0.2
− 0.4
V
Base-emitter saturation voltage
VBE(sat)
IC = −500 mA, IB = −50 mA
− 0.85 −1.20
V
Transition frequency
fT
VCB = −10 V, IE = 50 mA, f = 200 MHz
200
MHz
Collector output capacitance
Cob
VCB
= −10 V, I
E
= 0, f = 1 MHz
20
30
pF
(Common base, input open circuited)
Note) The part numbers in the parenthesis show conventional part number.


Numéro de pièce similaire - 2SA0684

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
2SA0719 PANASONIC-2SA0719 Datasheet
81Kb / 4P
   For low-frequency power amplification and driver amplification Complementary
2SA0720 PANASONIC-2SA0720 Datasheet
81Kb / 4P
   For low-frequency power amplification and driver amplification Complementary
2SA0720A PANASONIC-2SA0720A Datasheet
72Kb / 3P
   For low-frequency driver amplification Complementary
2SA0777 PANASONIC-2SA0777 Datasheet
81Kb / 4P
   For low-frequency driver amplification Complementary
2SA0794 PANASONIC-2SA0794 Datasheet
101Kb / 4P
   Silicon PNP epitaxial planar type
More results

Description similaire - 2SA0684

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
   Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
2SB1693 PANASONIC-2SB1693 Datasheet
82Kb / 3P
   Silicon PNP epitaxial planar type
2SB1071 PANASONIC-2SB1071 Datasheet
93Kb / 4P
   Silicon PNP epitaxial planar type
2SB1172 PANASONIC-2SB1172 Datasheet
84Kb / 3P
   Silicon PNP epitaxial planar type
2SA2064 PANASONIC-2SA2064 Datasheet
78Kb / 3P
   Silicon PNP epitaxial planar type
XP06401 PANASONIC-XP06401 Datasheet
104Kb / 4P
   Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
2SB1175 KEXIN-2SB1175 Datasheet
39Kb / 1P
   Silicon PNP Epitaxial Planar Type
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com