Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC0848CCVX Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce ADC0848CCVX
Description  8-Bit 關P Compatible A/D Converters with Multiplexer Options
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0848CCVX Fiches technique(HTML) 1 Page - Texas Instruments

  ADC0848CCVX Datasheet HTML 1Page - Texas Instruments ADC0848CCVX Datasheet HTML 2Page - Texas Instruments ADC0848CCVX Datasheet HTML 3Page - Texas Instruments ADC0848CCVX Datasheet HTML 4Page - Texas Instruments ADC0848CCVX Datasheet HTML 5Page - Texas Instruments ADC0848CCVX Datasheet HTML 6Page - Texas Instruments ADC0848CCVX Datasheet HTML 7Page - Texas Instruments ADC0848CCVX Datasheet HTML 8Page - Texas Instruments ADC0848CCVX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
ADC0844, ADC0848
www.ti.com
SNAS523D – JUNE 1999 – REVISED MARCH 2013
ADC0844/ADC0848 8-Bit
μP Compatible A/D Converters with Multiplexer Options
Check for Samples: ADC0844, ADC0848
1
FEATURES
DESCRIPTION
The ADC0844 and ADC0848 are CMOS 8-bit
2
Easy Interface to All Microprocessors
successive
approximation
A/D
converters
with
Operates Ratiometrically or with 5 VDC Voltage
versatile analog input multiplexers. The 4-channel or
Reference
8-channel multiplexers can be software configured for
No Zero or Full-Scale Adjust Required
single-ended, differential or pseudo-differential modes
of operation.
4-Channel or 8-Channel Multiplexer with
Address Logic
The differential mode provides low frequency input
common mode rejection and allows offsetting the
Internal Clock
analog range of the converter. In addition, the A/D's
0V to 5V Input Range with Single 5V Power
reference can be adjusted enabling the conversion of
Supply
reduced analog ranges with 8-bit resolution.
Standard Width 20-Pin or 24-Pin PDIP
The A/Ds are designed to operate from the control
28 Pin PLCC Package
bus of a wide variety of microprocessors. TRI-STATE
output latches that directly drive the data bus permit
KEY SPECIFICATIONS
the A/Ds to be configured as memory locations or I/O
devices to the microprocessor with no interface logic
Resolution: 8 Bits
necessary.
Total Unadjusted Error: ±½ LSB and ± 1 LSB
Single Supply: 5 VDC
Low Power: 15 mW
Conversion Time: 40
μs
Block Diagram
* ADC0848 shown in PDIP Package CH5-CH8 not included on the ADC0844
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - ADC0848CCVX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC0848CCVX TI1-ADC0848CCVX Datasheet
2Mb / 25P
[Old version datasheet]   ADC0844/ADC0848 8-Bit 關P Compatible A/D Converters with Multiplexer Options
More results

Description similaire - ADC0848CCVX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC0844 TI1-ADC0844_14 Datasheet
2Mb / 25P
[Old version datasheet]   ADC0844/ADC0848 8-Bit 關P Compatible A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC0844 NSC-ADC0844 Datasheet
467Kb / 20P
   8-Bit uP Compatible A/D Converters with Multiplexer Options
ADC0816 NSC-ADC0816_07 Datasheet
344Kb / 14P
   8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
logo
Texas Instruments
ADC0809CCN TI1-ADC0809CCN Datasheet
494Kb / 19P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
logo
Micro Linear Corporatio...
ML2252 MICRO-LINEAR-ML2252 Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
logo
Texas Instruments
ADC0808-N TI1-ADC0808-N_14 Datasheet
538Kb / 20P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
logo
National Semiconductor ...
ADC0801 NSC-ADC0801_1 Datasheet
1Mb / 41P
   8-Bit 關P Compatible A/D Converters
logo
Texas Instruments
ADC0801 TI1-ADC0801_14 Datasheet
3Mb / 49P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters
logo
Micro Linear Corporatio...
ML2258 MICRO-LINEAR-ML2258 Datasheet
169Kb / 12P
   關P Compatible 8-Bit A/D Converter with 8-Channel Multiplexer
logo
Texas Instruments
ADC0808-N TI1-ADC0808-N_17 Datasheet
533Kb / 19P
[Old version datasheet]   8-Bit Compatible A/D Converters with 8-Channel Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com