Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC08351 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADC08351
Description  8-Bit, 42 MSPS, 40 mW A/D Converter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08351 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button ADC08351 Datasheet HTML 4Page - Texas Instruments ADC08351 Datasheet HTML 5Page - Texas Instruments ADC08351 Datasheet HTML 6Page - Texas Instruments ADC08351 Datasheet HTML 7Page - Texas Instruments ADC08351 Datasheet HTML 8Page - Texas Instruments ADC08351 Datasheet HTML 9Page - Texas Instruments ADC08351 Datasheet HTML 10Page - Texas Instruments ADC08351 Datasheet HTML 11Page - Texas Instruments ADC08351 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
ADC08351
SNAS026E – JUNE 2000 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
VA = VD = VD I/O = 3V, fCLK = 42 MHz, unless otherwise specified
INL vs VA
INL vs Temperature
Figure 9.
Figure 10.
SINAD and ENOB vs fIN
SINAD and ENOB vs fCLK
Figure 11.
Figure 12.
SINAD and ENOB vs
Clock Duty Cycle
SNR vs fIN
Figure 13.
Figure 14.
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC08351


Numéro de pièce similaire - ADC08351

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC08351 NSC-ADC08351 Datasheet
492Kb / 15P
   8-Bit, 42 MSPS, 40 mW A/D Converter
ADC08351 NSC-ADC08351 Datasheet
519Kb / 17P
   8-Bit, 42 MSPS, 40 mW A/D Converter
ADC08351CILQ NSC-ADC08351CILQ Datasheet
519Kb / 17P
   8-Bit, 42 MSPS, 40 mW A/D Converter
ADC08351CILQX NSC-ADC08351CILQX Datasheet
519Kb / 17P
   8-Bit, 42 MSPS, 40 mW A/D Converter
ADC08351CIMTC NSC-ADC08351CIMTC Datasheet
492Kb / 15P
   8-Bit, 42 MSPS, 40 mW A/D Converter
More results

Description similaire - ADC08351

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC08351 NSC-ADC08351 Datasheet
492Kb / 15P
   8-Bit, 42 MSPS, 40 mW A/D Converter
ADC08351 NSC-ADC08351_03 Datasheet
519Kb / 17P
   8-Bit, 42 MSPS, 40 mW A/D Converter
logo
Cadeka Microcircuits LL...
SPT7734 CADEKA-SPT7734 Datasheet
191Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7734 FAIRCHILD-SPT7734 Datasheet
86Kb / 9P
   8-BIT, 40 MSPS,175 mW A/D CONVERTER
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7938 CADEKA-SPT7938 Datasheet
185Kb / 10P
   12-BIT, 40 MSPS, 170 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Texas Instruments
ADC14L040 TI1-ADC14L040_14 Datasheet
813Kb / 33P
[Old version datasheet]   14-Bit, 40 MSPS, 235 mW A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com