Moteur de recherche de fiches techniques de composants électroniques |
|
ADC0844CCN Fiches technique(PDF) 2 Page - Texas Instruments |
|
ADC0844CCN Fiches technique(HTML) 2 Page - Texas Instruments |
2 / 24 page ADC0844, ADC0848 SNAS523D – JUNE 1999 – REVISED MARCH 2013 www.ti.com Connection Diagram Figure 1. PLCC Package (Top View) Figure 2. 20-Pin PDIP (Top View) Figure 3. 28-Pin PDIP (Top View) These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Absolute Maximum Ratings (1) (2) (3) Supply Voltage (VCC) 6.5V Logic Control Inputs −0.3V to +15V Voltage At Other Inputs and Outputs −0.3V to VCC+0.3V Input Current at Any Pin(4) 5 mA Package Input Current(4) 20 mA Storage Temperature −65°C to +150°C Package Dissipation at TA=25°C 875 mW ESD Susceptibility(5) 800V PDIP Package 260°C Lead Temperature (Soldering, 10 seconds) Vapor Phase (60 seconds) 215°C PLCC Package Infrared (15 seconds) 220°C (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating the device beyond its specified operating conditions. (2) All voltages are measured with respect to the ground pins. (3) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and specifications. (4) When the input voltage (VIN) at any pin exceeds the power supply rails (VIN < V −or V IN > V +) the absolute value of the current at that pin should be limited to 5 mA or less. The 20 mA package input current limits the number of pins that can exceed the power supply boundaries with a 5 mA current limit to four. (5) Human body model, 100 pF discharged through a 1.5 k Ω resistor. 2 Submit Documentation Feedback Copyright © 1999–2013, Texas Instruments Incorporated Product Folder Links: ADC0844 ADC0848 |
Numéro de pièce similaire - ADC0844CCN |
|
Description similaire - ADC0844CCN |