Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54AC169 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce 54AC169
Description  4-Stage Synchronous Bidirectional Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

54AC169 Fiches technique(HTML) 1 Page - Texas Instruments

  54AC169 Datasheet HTML 1Page - Texas Instruments 54AC169 Datasheet HTML 2Page - Texas Instruments 54AC169 Datasheet HTML 3Page - Texas Instruments 54AC169 Datasheet HTML 4Page - Texas Instruments 54AC169 Datasheet HTML 5Page - Texas Instruments 54AC169 Datasheet HTML 6Page - Texas Instruments 54AC169 Datasheet HTML 7Page - Texas Instruments 54AC169 Datasheet HTML 8Page - Texas Instruments 54AC169 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
OBSOLETE
54AC169, 54ACT169
www.ti.com
SNOS092B – JULY 1998 – REVISED APRIL 2013
54AC169 • 54ACT169 4-Stage Synchronous Bidirectional Counter
Check for Samples: 54AC169, 54ACT169
1
FEATURES
DESCRIPTION
The
'AC/'ACT169
is
fully
synchronous
4-stage
2
ICC Reduced by 50%
up/down counter. The 'AC/'ACT169 is a modulo-16
Synchronous Counting and Loading
binary counter. It features a preset capability for
Built-In Lookahead Carry Capability
programmable operation, carry lookahead for easy
cascading and a U/D input to control the direction of
Presettable for Programmable Operation
counting. All state changes, whether in counting or
Outputs Source/Sink 24 mA
parallel loading, are initiated by the LOW-to-HIGH
'ACT has TTL-Compatible Inputs
transition of the Clock. ®
Standard Microcircuit Drawing (SMD)
5962-91603
Logic Symbols
Pin Names
Description
CEP
Count Enable Parallel Input
CET
Count Enable Trickle Input
CP
Clock Pulse Input
P0–P3
Parallel Data Inputs
PE
Parallel Enable Input
U/D
Up-Down Count Control Input
Q0–Q3
Flip-Flop Outputs
TC
Terminal Count Output
Figure 1. IEEE/IEC
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
is a registered trademark of ~Fairchild Semiconductor.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - 54AC169

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54AC169 NSC-54AC169 Datasheet
183Kb / 10P
   4-Stage Synchronous Bidirectional Counter
54AC169D NSC-54AC169D Datasheet
183Kb / 10P
   4-Stage Synchronous Bidirectional Counter
54AC169F NSC-54AC169F Datasheet
183Kb / 10P
   4-Stage Synchronous Bidirectional Counter
54AC169L NSC-54AC169L Datasheet
183Kb / 10P
   4-Stage Synchronous Bidirectional Counter
More results

Description similaire - 54AC169

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74F169 FAIRCHILD-74F169 Datasheet
89Kb / 8P
   4-Stage Synchronous Bidirectional Counter
logo
National Semiconductor ...
54F169DM NSC-54F169DM Datasheet
160Kb / 8P
   4-Stage Synchronous Bidirectional Counter
54AC169 NSC-54AC169 Datasheet
183Kb / 10P
   4-Stage Synchronous Bidirectional Counter
logo
Fairchild Semiconductor
74AC169 FAIRCHILD-74AC169 Datasheet
103Kb / 8P
   4-Stage Synchronous Bidirectional Counter
logo
NXP Semiconductors
74F569 PHILIPS-74F569 Datasheet
130Kb / 14P
   4-bit bidirectional binary synchronous counter 3-State
1996 Jan 05
logo
STMicroelectronics
M74HC40103 STMICROELECTRONICS-M74HC40103 Datasheet
662Kb / 16P
   8 STAGE PRESETTABLE SYNCHRONOUS DOWN COUNTER
logo
Micrel Semiconductor
SY100S336 MICREL-SY100S336 Datasheet
149Kb / 9P
   4-STAGE COUNTER/ SHIFT REGISTER
logo
National Semiconductor ...
F100136 NSC-F100136 Datasheet
234Kb / 10P
   4-Stage Counter/Shift Register
logo
Micrel Semiconductor
SY100S336 MICREL-SY100S336_06 Datasheet
126Kb / 10P
   4-STAGE COUNTER/SHIFT REGISTER
logo
ON Semiconductor
SN54-74LS390 ONSEMI-SN54-74LS390 Datasheet
71Kb / 5P
   DUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com