Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54ACT257 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce 54ACT257
Description  Quad 2-Input Multiplexer with TRI-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

54ACT257 Fiches technique(HTML) 6 Page - Texas Instruments

  54ACT257 Datasheet HTML 1Page - Texas Instruments 54ACT257 Datasheet HTML 2Page - Texas Instruments 54ACT257 Datasheet HTML 3Page - Texas Instruments 54ACT257 Datasheet HTML 4Page - Texas Instruments 54ACT257 Datasheet HTML 5Page - Texas Instruments 54ACT257 Datasheet HTML 6Page - Texas Instruments 54ACT257 Datasheet HTML 7Page - Texas Instruments 54ACT257 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
OBSOLETE
54AC257, 54ACT257
SNOS102B – JULY 1998 – REVISED APRIL 2013
www.ti.com
AC ELECTRICAL CHARACTERISTICS
54AC
VCC
TA = −55°C
Symbol
Parameter
Units
(V)(1)
to +125°C
CL = 50 pF
Propagation Delay In to Zn
3.3
1.0
11.0
tPLH
ns
5.0
1.0
8.0
Propagation Delay In to Zn
3.3
1.0
11.0
tPHL
ns
5.0
1.0
8.5
tPLH
Propagation Delay S to Zn
3.3
1.0
14.5
ns
5.0
1.0
11.0
tPHL
Propagation Delay S to Zn
3.3
1.0
14.5
ns
5.0
1.0
11.0
3.3
1.0
13.0
tPZH
Output Enable Time
ns
5.0
1.0
10.0
3.3
1.0
11.0
tPZL
Output Enable Time
ns
5.0
1.0
9.5
3.3
1.0
13.0
tPHZ
Output Disable Time
ns
5.0
1.0
11.0
3.3
1.0
10.5
tPLZ
Output Disable Time
ns
5.0
1.0
9.5
(1)
Voltage Range 3.3 is 3.0V ±0.3V.
Voltage Range 5.0 is 5.0V ±0.5V.
AC ELECTRICAL CHARACTERISTICS
54ACT
VCC
TA = −55°C
Symbol
Parameter
Units
(V)(1)
to +125°C
CL = 50 pF
Propagation Delay
tPLH
5.0
1.0
8.0
ns
In to Zn
tPHL
Propagation Delay
5.0
1.0
9.5
ns
In to Zn
tPLH
Propagation Delay
5.0
1.0
11.0
ns
S to Zn
tPHL
Propagation Delay
5.0
1.0
11.5
ns
S to Zn
tPZH
Output Enable Time
5.0
1.0
9.5
ns
tPZL
Output Enable Time
5.0
1.0
9.5
ns
tPHZ
Output Disable Time
5.0
1.0
10.5
ns
tPLZ
Output Disable Time
5.0
1.0
9.5
ns
(1)
Voltage Range 5.0 is 5.0V ±0.5V.
CAPACITANCE
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = OPEN
CPD
Power Dissipation Capacitance
50.0
pF
VCC = 5.0V
6
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: 54AC257 54ACT257


Numéro de pièce similaire - 54ACT257

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54ACT257F NSC-54ACT257F Datasheet
120Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54ACT257L NSC-54ACT257L Datasheet
120Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
More results

Description similaire - 54ACT257

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
   Quad 2 Input Multiplexer With TRI - STATE Outputs
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F257ADM NSC-54F257ADM Datasheet
157Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54AC257 NSC-54AC257 Datasheet
120Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F258ADM NSC-54F258ADM Datasheet
159Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
Texas Instruments
54AC258 TI1-54AC258 Datasheet
188Kb / 10P
[Old version datasheet]   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F258A TI1-54F258A Datasheet
409Kb / 10P
[Old version datasheet]   54F258A 74F258A Quad 2-Input Multiplexer with TRI-STATE(RM) Outputs
logo
National Semiconductor ...
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
   8-Input Multiplexer With TRI-STATE Outputs
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CD74AC257 TI-CD74AC257 Datasheet
39Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com