Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD1408-FF1400 Datasheet(Fiches technique) 2 Page - Bourns Electronic Solutions

Numéro de pièce CD1408-FF1400
Description  Surface Mount Rectifier Diode
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD1408-FF1400 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CD1408-FF1400 Datenblatt HTML 1Page - Bourns Electronic Solutions CD1408-FF1400 Datasheet HTML 2Page - Bourns Electronic Solutions CD1408-FF1400 Datenblatt HTML 3Page - Bourns Electronic Solutions CD1408-FF1400 Datenblatt HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CD1408-FF1200~FF11500 – Surface Mount Rectifier Diode
Recommended Footprint
How To Order
CD 1408 - FF 1 400
Common Code
CD = Chip Diode
Package
1408 = ~0.14 x 0.08 ˝
Function
F = Super Fast Rectifier
Forward Current I(AV)
1 = 1 A
Reverse Voltage
200 = 200 V
400 = 400 V
600 = 600 V
800 = 800 V
1000 = 1000 V
1500 = 1500 V
CD1408-FF1200 .................................................................... B1 FFD
CD1408-FF1400 .................................................................... B1 FFG
CD1408-FF1600 .................................................................... B1 FFJ
CD1408-FF1800 .................................................................... B1 FFK
CD1408-FF11000 .................................................................. B1 FFM
CD1408-FF11500 .................................................................. B1 FFW
Typical Part Marking
Product Dimensions
This is a lead free product, packaged with FRP substrate and is
epoxy underfilled. The terminals are pure tin plated and are
solderable per MIL-STD-750, Method 2026. The package weighs
approximately 0.02 g. The package and dimensions are shown
below.
The device will mount onto existing JEDEC SOD-87 footprint.
3.2 - 3.60
(0.126 - 0.142)
1.70 - 2.10
(0.067 - 0.083)
0.95 - 1.35
(0.037 - 0.053)
0.50 - 0.90
(0.020 - 0.035)
0.50 - 0.90
(0.020 - 0.035)
0.40
(0.016)
R
MM
(INCHES)
DIMENSIONS:
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
B1
FFD


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn