Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD1408-FF1400 Datasheet(Fiches technique) 1 Page - Bourns Electronic Solutions

Numéro de pièce CD1408-FF1400
Description  Surface Mount Rectifier Diode
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD1408-FF1400 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CD1408-FF1400 Datasheet HTML 1Page - Bourns Electronic Solutions CD1408-FF1400 Datenblatt HTML 2Page - Bourns Electronic Solutions CD1408-FF1400 Datenblatt HTML 3Page - Bourns Electronic Solutions CD1408-FF1400 Datenblatt HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CD1408-FF1200~FF11500 – Surface Mount Rectifier Diode
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Features
Lead free device (RoHS compliant*)
Low profile
Low power loss, high efficiency
UL 94V-0 classification
Applications
High frequency switching power supplies
Inverters
Free wheeling
Polarity protection
General Information
The markets of portable communications, computing and video equipment are
challenging the semiconductor industry to develop increasingly smaller electronic
components. Bourns offers Rectifier Diodes for rectification applications, in compact
chip package 1408 size format (compatible with SOD87, SOD123 formats), which
offers PCB real estate savings and are considerably smaller than most competitive
parts. The Glass Passivated Rectifier Diodes offer a forward current of 1 A with a
choice of repetitive peak reverse voltage of 200 V up to 1500 V, with a 75 nS
maximum recovery time.
Bourns® Chip Diodes conform to JEDEC standards, are easy to handle on standard
pick and place equipment and their flat configuration minimizes roll away.
Tin Plated
Connectors
FRP Substrate
and Epoxy
Underfill
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Thermal Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD1408-FF1200~FF11500
Unit
Operating Temperature Range
TJ
-65 to +175
°C
Storage Temperature Range
TSTG
-65 to +175
°C
Notes:
1 See Forward Derating Curve.
2 Measured @ 1.0 MHz and applied reverse voltage of 4.0 VDC.
3 Reverse recovery test condition: IF = 0.5 A, IR = 1.0 A, Irr = 0.25 A
Parameter
Symbol
CD1408-
Unit
FF1200
FF1400
FF1600
FF1800
FF11000
FF11500
Maximum Repetitive Peak Reverse Voltage
VRRM
200
400
600
800
1000
1500
V
Maximum RMS Voltage
VRMS
140
280
420
560
700
1000
V
Maximum DC Blocking Voltage
VDC
200
400
600
800
1000
1500
V
Max. Average Forward Rectified Current1
I(AV)
1.0
A
DC Reverse Current @ Rated DC Blocking Voltage
(@Ta = 25 °C)
IR5.0
µA
DC Reverse Current @ Rated DC Blocking Voltage
(@Ta = 125 °C)
IR
50.0
µA
DC Reverse Current @ Rated DC Blocking Voltage
(@Ta = 150 °C)
IR
50.0
µA
Typical Junction Capacitance2
CJ
10
pF
Instantaneous Forward Voltage @ IF = 1 A
VF
1.7
6.0
V
Maximum Reverse Recovery Time3
Trr
50
75
50
ns
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
30.0
25.0
15.0
A
(JEDEC Method)
Typical Thermal Resistance
Rj-a
95
°C/Watt
Typical Thermal Resistance
Rj-l
40
°C/Watt


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn