Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ESCA-0302 Fiches technique(PDF) 6 Page - Astrodyne Corporation

No de pièce ESCA-0302
Description  30W Ultraminiature Encapsulated Switching Power Supplies
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASTRODYNE [Astrodyne Corporation]
Site Internet  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ESCA-0302 Fiches technique(HTML) 6 Page - Astrodyne Corporation

  ESCA-0302 Datasheet HTML 1Page - Astrodyne Corporation ESCA-0302 Datasheet HTML 2Page - Astrodyne Corporation ESCA-0302 Datasheet HTML 3Page - Astrodyne Corporation ESCA-0302 Datasheet HTML 4Page - Astrodyne Corporation ESCA-0302 Datasheet HTML 5Page - Astrodyne Corporation ESCA-0302 Datasheet HTML 6Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
30W Ultraminiature Encapsulated Switching Power Supplies
ECA30 series
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
WWW.ASTRODYNETDI.COM
3315
Model
Match Unmatch
Triple
Type / Pin#
Single Dual
Dual
1
AC LO
AC LO
AC LO
AC LO
2
N/C
N/C
N/C
N/C
3
AC HI
AC HI
AC HI
AC HI
4
+Vout
+Vout
+12Vout
+Vout
5
+Vout
Com
+5Vout
+5Vout
6
-Vout
Com
+5Vout
+/- Com
7
-Vout
-Vout
Com
+5V Ret
8
N/C
N/C
Com
-Vout
9
N/C
N/C
N/C
N/C
MECHANICAL DIMENSIONS - CHASSIS MOUNT
4.42 [112.3] (Singles)
5 [127] (Dual/Triple)
1
2
3
4
5
6
7
8
9
#4-40 Screw
(3 places)
0.130 [3.30] DIA. TYP.
(4 places)
Accepts #4 screw & nut
Adjudtment Pot
Power “GOOD” indicator
#3-48 Screw
(6 places)
0.17 [4.3]
Tolerance:
.xx ± 0.01 [0.25]
.xxx ± 0.005 [0.13]
Dimensions shown in inch [mm]
0.19 [4.8]
0.65 [16.5] TYP.
(2 places)
0.25 [6.4] TYP. (5 places)
2.56 [65.0]
2.180 [55.37]
4.76 [121] (Singles)
5.34 [135.6] (Dual/Triple)
1.00 [25.4]
DIN Rail mounting kit available for Chassis-mount modules.
- For 30 watt single outputs specify part # M-DRL-30S
- For 30 watt dual/single outputs specify part # M-DRL-30T
Kit includes mounting plate, DIN Rail cliip and assembly hardware.
0.350 [8.89]
0.100 [2.54]
MECHANICAL DIMENSIONS - DIN RAIL


Numéro de pièce similaire - ESCA-0302

FabricantNo de pièceFiches techniqueDescription
logo
Astrodyne Corporation
ESCA-0100 ASTRODYNE-ESCA-0100 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0100 ASTRODYNE-ESCA-0100 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0101 ASTRODYNE-ESCA-0101 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0101 ASTRODYNE-ESCA-0101 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ESCA-0102 ASTRODYNE-ESCA-0102 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
More results

Description similaire - ESCA-0302

FabricantNo de pièceFiches techniqueDescription
logo
Astrodyne Corporation
MCA-30 ASTRODYNE-MCA-30 Datasheet
1Mb / 5P
   30W Ultraminiature Modular Switching Power Supplies
ECA-5 ASTRODYNE-ECA-5 Datasheet
744Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA-10 ASTRODYNE-ECA-10 Datasheet
745Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA5 ASTRODYNE-ECA5 Datasheet
652Kb / 5P
   5W Ultraminiature Encapsulated Switching Power Supplies
ECA10 ASTRODYNE-ECA10 Datasheet
777Kb / 5P
   10W Ultraminiature Encapsulated Switching Power Supplies
ECA-15 ASTRODYNE-ECA-15 Datasheet
763Kb / 5P
   15W Ultraminiature Encapsulated Switching Power Supplies
MMA-30 ASTRODYNE-MMA-30 Datasheet
1Mb / 5P
   30W Medical Grade Ultraminiature Switching Power Supplies
EFM30 ASTRODYNE-EFM30 Datasheet
563Kb / 5P
   30W Ultraminiature Open Frame Switching Power Supplies
MCA-15 ASTRODYNE-MCA-15 Datasheet
1Mb / 5P
   15W Ultraminiature Modular Switching Power Supplies
MCA-10 ASTRODYNE-MCA-10 Datasheet
1Mb / 5P
   10W Ultraminiature Modular Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com