Moteur de recherche de fiches techniques de composants électroniques |
|
ADR431B Fiches technique(PDF) 9 Page - Analog Devices |
|
ADR431B Fiches technique(HTML) 9 Page - Analog Devices |
9 / 24 page ADR430/ADR431/ADR433/ADR434/ADR435/ADR439 Rev. B | Page 9 of 24 ABSOLUTE MAXIMUM RATINGS @ 25°C, unless otherwise noted. Table 8. Parameter Rating Supply Voltage 20 V Output Short-Circuit Duration to GND Indefinite Storage Temperature Range (R, RM Packages) −65°C to +125°C Operating Temperature Range −40°C to +125°C Junction Temperature Range −65°C to +150°C Lead Temperature Range (Soldering, 60 s) 300°C PACKAGE TYPE Table 9. Package Type θJA1 θJC Unit 8-Lead SOIC (R) 130 43 °C/W 8-Lead MSOP (RM) 190 °C/W 1 θJA is specified for worst-case conditions (device soldered in circuit board for surface-mount packages). Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Absolute maximum ratings apply individually only, not in combination. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Numéro de pièce similaire - ADR431B |
|
Description similaire - ADR431B |