Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CNXCG4104 Fiches technique(PDF) 1 Page - Visual Communications Company

No de pièce CNXCG4104
Description  C CABLE ASSEMBLY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VCC [Visual Communications Company]
Site Internet  http://vcclite.com
Logo VCC - Visual Communications Company

CNXCG4104 Fiches technique(HTML) 1 Page - Visual Communications Company

  CNXCG4104 Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PHONE: (760) 560-1300, FAX: (760) 560-1301 EMAIL: vccsales@vcclite.com
190 BOSSTICK BLVD. SUITE 101 SAN MARCOS, CA 92069 U.S.A
OPTOELECTRONICS
CABLE ORDERING CODE EXAMPLE:
CNX C E
4
1
WIRE SIZE *
OPTIONS
E =
ADDITIONAL
24 AWG
STRIPPED END
RED - BLACK
WIRE COLOR *
12
LENS/ PANEL MOUNT
(ORDER SEPARATELY)
X =
2
LED/ SPACER
(ORDER SEPARATELY)
TERMINATION *
4
WHITE - BLACK
1
SINGLE ROW LOCKING HEADER
G =
SINGLE ROW PLAIN HEADER
* CALL
FACTORY FOR
WIRE LENGTH *
04
4 INCHES (101.6mm)
06
6 INCHES (152.4mm)
08
8 INCHES (203.2mm)
12
12 INCHES (304.8mm)
18
18 INCHES (457.2mm)
24
24 INCHES (609.6mm)
REVISED PER ECR 111009AZ01
APPROVAL
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
001
FOR PANEL THICKNESS .105" (2.67mm) - .125" (3.175mm) NO SPACER REQUIRED
0.01" (6.35mm
A WHOLE WITHOUT THE WRITTEN
0.254)
FOR CMC 313, CMC 321, CMC 323, AND CMS 322 - .250"
COMPANY, INC IS PROHIBITED.
DRAWN
CHECKED
B
SCALE: 1:1
11/26/10
REV
DWG. NO.
SHEET 1 OF 1
DO NOT SCALE DRAWING
SIZE
MATERIAL
THIRD ANGLE PROJECTION
DATE
DESCRIPTION
ECN #
DATE
FINISH
REV
FOR PANEL THICKNESS .050" (1.27mm) - .100" (2.54mm) USE 1 SPC 060 SPACER
COMMUNICATIONS
INITIALS
0.254mm)
.01" (8.89mm
FOR PANEL THICKNESS .030" (.762mm) - .045" (1.143mm) USE 2 SPC 060 SPACERS
5.
LED LEAD LENGTH: FOR CMC 285 - .350"
1
PERMISSION OF VISUAL
THE INFORMATION CONTAINED
TITLE:
IN THIS DRAWING IS THE SOLE
CNX C CABLE
PROPERTY OF VISUAL
ASSEMBLY
K.Howard
COMMUNICATIONS COMPANY, INC.
11/26/10
PROPRIETARY AND CONFIDENTIAL
SEE NOTES
CNX C ASSY
SEE NOTES
001
11/26/10
DPZ
ANY REPRODUCTION IN PART OR AS
6.
U.S. & FOREIGN PATENT ISSUED AND PENDING
REVISIONS
NOTES:
ROHS COMPLIANT
1.
MATERIAL:
2.
PANEL CONNECTOR SOCKET - POLYPROPYLENE, UL RATING 94-HB
HEADER CONNECTOR - POLYESTER, UL RATING 94-V0
TERMINALS - PHOSPHOR BRONZE, TIN PLATE
WIRE - 24 AWG 1007/ 1569
3.
MOUNTING: HOLE SIZE - 9/32" (7.14mm)
4.
PANEL THICKNESS: .030" ( .762mm) MIN - .125" (3.175mm) MAX
DIMENSION STYLE: INCHES / MM
GENERAL TOLERANCES UNLESS
OTHERWISE SPECIFIED:
INCHES
.500
MM
12.7
KH
CMC 313
CMC 321
CMC 323
W1
W2
1
2
ANODE (+) WHITE OR RED LEAD
1
2
CATHODE (-) BLACK LEAD
XX.XX
.690
17.526mm
CMC 285
CMS 322
5MM LED
SPC 060


Numéro de pièce similaire - CNXCG4104

FabricantNo de pièceFiches techniqueDescription
logo
Visual Communications C...
CNXC VCC-CNXC Datasheet
29Kb / 1P
   CABLE ASSY
logo
Marl International Limi...
CNXC MARL-CNXC Datasheet
29Kb / 1P
   CNX C CABLE ASSY
CNXC MARL-CNXC_15 Datasheet
29Kb / 1P
   CNX C CABLE ASSY
More results

Description similaire - CNXCG4104

FabricantNo de pièceFiches techniqueDescription
logo
Pasternack Enterprises,...
PE3120 PASTERNACK-PE3120 Datasheet
132Kb / 1P
   CABLE ASSEMBLY, RG393/U C MALE TO C MALE
PE33098 PASTERNACK-PE33098 Datasheet
263Kb / 1P
   CABLE ASSEMBLY RG225/U C MALE TO C MALE
PE34442LF PASTERNACK-PE34442LF Datasheet
128Kb / 1P
   CABLE ASSEMBLY RG218/U C MALE TO C MALE
PE34440LF PASTERNACK-PE34440LF Datasheet
270Kb / 1P
   CABLE ASSEMBLY RG141A/U C MALE TO C MALE
PE34440 PASTERNACK-PE34440 Datasheet
102Kb / 1P
   CABLE ASSEMBLY RG141A/U C MALE TO C MALE
PE3605 PASTERNACK-PE3605 Datasheet
261Kb / 1P
   CABLE ASSEMBLY, RG214/U, C MALE TO C MALE
PE34442 PASTERNACK-PE34442 Datasheet
132Kb / 1P
   CABLE ASSEMBLY, RG218/U, C MAIL TO C MAIL
PE34435 PASTERNACK-PE34435 Datasheet
96Kb / 1P
   CABLE ASSEMBLY RG62A/U C MALE TO C MALE
PE33662 PASTERNACK-PE33662 Datasheet
266Kb / 1P
   CABLE ASSEMBLY RG59B/U-BLACK C MALE TO C MALE
PE33662LF PASTERNACK-PE33662LF Datasheet
276Kb / 1P
   CABLE ASSEMBLY RG59B/U-BLACK C MALE TO C MALE
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com