Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAP64-04W Fiches technique(PDF) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

No de pièce BAP64-04W
Description  Pin Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Site Internet  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

BAP64-04W Fiches technique(HTML) 3 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  BAP64-04W Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAP64-04W Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAP64-04W Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAP64-04W Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd BAP64-04W Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0
25
50
75
100
125
150
0
50
100
150
200
250
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
0
35
70
105
140
175
0.1
1
10
100
1000
0
2
4
6
8
10
12
14
16
18
20
0.0
0.1
0.2
0.3
0.4
0.5
Forward
Characteristics
Reverse
Characteristics
Power Derating Curve
AMBIENT TEMPERATURE
T
a
(
)
FORWARD VOLTAGE
V
F
(V)
T
a
=100℃
T
a
=25℃
REVERSE VOLTAGE
V
R
(V)
T
a
=25℃
f=1MHz
Capacitance Characteristics Per Diode
REVERSE VOLTAGE
V
R
(V)
Typical Characteristics
www.cj-elec.com
3
C,Sep,2015


Numéro de pièce similaire - BAP64-04W

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAP64-04W PHILIPS-BAP64-04W Datasheet
63Kb / 8P
   Silicon PIN diode
2001 Jan 29
BAP64-04W NXP-BAP64-04W Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Micro Commercial Compon...
BAP64-04W MCC-BAP64-04W Datasheet
517Kb / 3P
   Low diode capacitance
logo
SeCoS Halbleitertechnol...
BAP64-04WS SECOS-BAP64-04WS Datasheet
140Kb / 2P
   Small Signal General Purpose PiN Diode
logo
SEC Electronics Inc.
BAP64-04WS SECELECTRONICS-BAP64-04WS Datasheet
140Kb / 2P
   Small Signal General Purpose PiN Diode
More results

Description similaire - BAP64-04W

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
SDP510D AUK-SDP510D Datasheet
46Kb / 3P
   Pin Diode
SDP510WMU AUK-SDP510WMU Datasheet
44Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM2300 MICROSEMI-UM2300 Datasheet
185Kb / 5P
   PIN DIODE
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
   PIN diode
logo
AUK corp
SDP510WMUF AUK-SDP510WMUF Datasheet
45Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM6000 MICROSEMI-UM6000 Datasheet
221Kb / 4P
   PIN DIODE
logo
Torex Semiconductor
1106_XB15A402 TOREX-1106_XB15A402 Datasheet
103Kb / 2P
   PIN DIODE
logo
Solid States Devices, I...
RC0130A SSDI-RC0130A_15 Datasheet
137Kb / 2P
   PIN DIODE
logo
Rohm
RN142GT2R ROHM-RN142GT2R Datasheet
114Kb / 3P
   PIN diode
RN242CST2RA ROHM-RN242CST2RA Datasheet
330Kb / 5P
   PIN diode
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com